công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2323 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2323
Giải thích chi tiết về linh kiện  PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2323 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LMX2323 Datasheet HTML 1Page - National Semiconductor (TI) LMX2323 Datasheet HTML 2Page - National Semiconductor (TI) LMX2323 Datasheet HTML 3Page - National Semiconductor (TI) LMX2323 Datasheet HTML 4Page - National Semiconductor (TI) LMX2323 Datasheet HTML 5Page - National Semiconductor (TI) LMX2323 Datasheet HTML 6Page - National Semiconductor (TI) LMX2323 Datasheet HTML 7Page - National Semiconductor (TI) LMX2323 Datasheet HTML 8Page - National Semiconductor (TI) LMX2323 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMX2323
PLLatinum2.0 GHz Frequency Synthesizer for RF
Personal Communications
General Description
The LMX2323 is a high performance frequency synthesizer
with integrated 32/33 dual modulus prescaler designed for
RF operation up to 2.0 GHz. Using a proprietary digital
phase locked loop technique, the LMX2323’s linear phase
detector characteristics can generate very stable, low noise
control signals for UHF and VHF voltage controlled oscilla-
tors.
Serial data is transferred into the LMX2323 via a three-line
MICROWIREinterface (Data, LE, Clock). Supply voltage
range is from 2.7V to 5.5V. The LMX2323 features very low
curent consumption, typically 3.5mA at 3V. The charge pump
provides 4 mA output current.
The LMX2323 is manufactured using National’s ABiC V
BiCMOS process and is packaged in a 16-pin TSSOP.
Features
n
RF operation up to 2.0 GHz
n
2.7V to 5.5V operation
n
Low current consumption: Icc = 3.5mA (typ) at
Vcc=3.0V
n
Digital Lock Detect
n
Dual modulus prescaler: 32/33
n
Internal balanced, low leakage charge pump
Applications
n
Cellular telephone systems (GSM, NADC, CDMA, PDC,
PHS)
n
Personal wireless communications (DCS-1800, DECT,
CT-1+)
n
Wireless local area networks (WLANs)
n
DCS/PCS infrastructure equipment
n
Other wireless communication systems
Functional Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
MICROWIREand PLLatinumare trademarks of National Semiconductor Corporation.
DS101362-1
October 2000
© 2000 National Semiconductor Corporation
DS101362
www.national.com


Số phần tương tự - LMX2323

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2320 NSC-LMX2320 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2320TM NSC-LMX2320TM Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2320TMX NSC-LMX2320TMX Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2323

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com