công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVQ11TTR bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
74LVQ11TTR bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
1 / 8 page 1/8 July 2001 s HIGH SPEED: tPD = 4.7ns (TYP.) at VCC = 3.3 V s COMPATIBLE WITH TTL OUTPUTS s LOW POWER DISSIPATION: ICC = 2µA (MAX.) at TA=25°C s LOW NOISE: VOLP = 0.3V (TYP.) at VCC = 3.3V s 75 Ω TRANSMISSION LINE DRIVING CAPABILITY s SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 12mA (MIN) at VCC = 3.0 V s PCI BUS LEVELS GUARANTEED AT 24 mA s BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL s OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention) s PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 11 s IMPROVED LATCH-UP IMMUNITY DESCRIPTION The 74LVQ11 is a low voltage CMOS TRIPLE 3-INPUT AND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications. The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. 74LVQ11 TRIPLE 3-INPUT AND GATE PIN CONNECTION AND IEC LOGIC SYMBOLS ORDER CODES PACKAGE TUBE T & R SOP 74LVQ11M 74LVQ11MTR TSSOP 74LVQ11TTR TSSOP SOP |
Số phần tương tự - 74LVQ11TTR |
|
Mô tả tương tự - 74LVQ11TTR |