công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5024AL4H bảng dữ liệu(PDF) 6 Page - Nippon Precision Circuits Inc

tên linh kiện SM5024AL4H
Giải thích chi tiết về linh kiện  Miniature-package Crystal Oscillator Module ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5024AL4H bảng dữ liệu(HTML) 6 Page - Nippon Precision Circuits Inc

  SM5024AL4H Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5024AL4H Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5024AL4H Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5024AL4H Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5024AL4H Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5024AL4H Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5024AL4H Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5024AL4H Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5024AL4H Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SM5024 series
NIPPON PRECISION CIRCUITS INC.—6
Switching Characteristics
3V operation
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
5V operation
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 6, load cct 1, 0.1VDD to 0.9VDD , CL = 15pF
5
10
ns
Output fall time
tf1
Measurement cct 6, load cct 1, 0.9VDD to 0.1VDD , CL = 15pF
5
10
ns
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty1
Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF, f ≤ 30MHz
45–55
%
Output disable delay time2
2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time2
tPZL
100
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 6, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
2.5
5
ns
tr2
CL = 50pF
5
10
Output fall time
tf1
Measurement cct 6, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
2.5
5
ns
tf2
CL = 50pF
5
10
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty2
Measurement cct 6, load cct 1, VDD = 5.0V, Ta = 25°C,
CL = 50pF, f ≤ 30MHz
45–55
%
Output disable delay time2
2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 5.0V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time2
tPZL
100
ns


Số phần tương tự - SM5024AL4H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
   This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
   ENCODER
More results

Mô tả tương tự - SM5024AL4H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5023 NPC-SM5023 Datasheet
110Kb / 9P
   Miniature-package Crystal Oscillator Module ICs
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com