công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD1366CP bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện CD1366CP
Giải thích chi tiết về linh kiện  VIDEO IF PROCESSOR FOR B/W TV
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

CD1366CP bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  CD1366CP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD1366CP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD1366CP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD1366CP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD1366CP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicore
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
1/5
VIDEO IF PROCESSOR FOR B/W TV
CD1366CP
GENERAL DESCRIPTION
The
CD1366CP
is
a
silicon
monolithic
integrated circuit designed for VIF section in B/W
television
receivers.
This
IC
has
functions
including video IF amplifier, video low-level
detector, RF AGC, IF AGC and noise chancellor.
This IC is encapsulated in 14 pin dual in-line
package with heat tab.
FEATURES
High input sensitivity; TYP. 30dBµ.
It can be used both of keyed type AGC and peak type AGC.
It can be operated with the power supply voltage above 7V.
Since the video detector has wide bandwidth, it's suitable for the sound carrier
frequency of 4.5, 5.5, 6.0, 6.5 MHz.
As input is differential mode, it can be used with SAW filter.
All functions for VIF stage are provided by this single chip IC and this IC will realize
reduction of assembly cost as well as reduction of number of external components.
BLOCK DIGRAM
PIN CONNECTION
TAB
GND
1
2
3
4
5
6
7
8
11
12
13
14
10
9
TUN
IN
VF
OUT
FIL
ADJ RFAGC
OUT
Vcc
RFAGC
IN
IN IF
NF
NF
REG
GND
TUN
IF
CD1366CP
RFAGC
RFAGC
RF AGC
IF AGC
NOISE
VIDEO
IF AMPLIFIER
LOW LEVER
DETECTOR
CANCEL
AMP
8
9
10
11
1
14
13
5
6
4
2
12
7
3
Vcc=12V
TAB


Số phần tương tự - CD1366CP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Jianghai Europe GmbH
CD136PK JIANGHAI-CD136PK Datasheet
880Kb / 4P
   EC Screw Standard 105째C 4.000h Lifetime(Screw)
More results

Mô tả tương tự - CD1366CP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
KA2912 SAMSUNG-KA2912 Datasheet
125Kb / 4P
   VIDEO IF PROCESSOR FOR B/W TVs
logo
List of Unclassifed Man...
AN5720 ETC1-AN5720 Datasheet
147Kb / 3P
   B/W TV VIDEO AMPLIFIER, IF AGC CIRCUIT
logo
KODENSHI_AUK CORP.
KKA8362WNS KODENSHI-KKA8362WNS Datasheet
255Kb / 7P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
logo
Integral Corp.
ILA8362W INTEGRAL-ILA8362W Datasheet
144Kb / 6P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
logo
IK Semicon Co., Ltd
ILA8362WNS IKSEMICON-ILA8362WNS Datasheet
260Kb / 7P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
logo
Hitachi Semiconductor
HA11221 HITACHI-HA11221 Datasheet
146Kb / 4P
   B/W TV Picture IF Amplifier
logo
NTE Electronics
NTE1607 NTE-NTE1607 Datasheet
19Kb / 2P
   Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
   Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1620 NTE-NTE1620 Datasheet
19Kb / 2P
   Integrated Circuit B/W TV Video IF Amplifier, RF AGC Circuit
NTE1522 NTE-NTE1522 Datasheet
79Kb / 2P
   Integrated Circuit B/W Video IF
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com