công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD100F5 bảng dữ liệu(PDF) 5 Page - Nihon Inter Electronics Corporation

tên linh kiện PD100F5
Giải thích chi tiết về linh kiện  FRD 100A AVG 500 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NIEC [Nihon Inter Electronics Corporation]
Trang chủ  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD100F5 bảng dữ liệu(HTML) 5 Page - Nihon Inter Electronics Corporation

  PD100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Certain Kyocera displays require a +3 volt vee voltage. These
displays will use the PC8106N-2 Rev E or higher. DO NOT use
PC8106P or any earlier version of the PC8106N board. Contrast
on these displays are adjusted with R23, 5K potentiometer.
Windows 3.1 Driver Installation ...
The Windows 3.1 driver is for CDS PC8106, VGA104 256 color
driver board only. To check if you have a 256 color version the
part number on the LCD controller should read: “SPC8106FOC”.
To install driver:
1. Locate your original Windows 3.1 disks, you will need them
to load the required fonts.
2. Go to your Windows subdirectory: “CD WINDOWS”.
3. Run Windows setup program: “SETUP”.
4. Select “Display” and press enter.
5. Scroll down to the end of the list and select:
“Other (Requires disk provided by hardware manufacturer)”.
6. Insert the driver disk and press enter.
7. Follow instructions to finish installation.
8. After the driver has loaded select “Accept configuration
shown above” and press enter.
9. Follow the instructions, it will ask you to insert several
of your original Windows 3.1 disks and close.
NOTES:
A. For color displays you must install this driver for the 256
color mode. If the 16 color mode is acceptable for your
application you do not have to install this driver, select
the Windows 3.1 standard VGA or VGA 3.0 driver.
B. For monochrome displays there is no need to load the 256
color driver. Select Windows 3.1 standard VGA or VGA 3.0
driver.
C. For Windows 95 applications please consult the sales office.


Số phần tương tự - PD100F5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nihon Inter Electronics...
PD100F12 NIEC-PD100F12 Datasheet
34Kb / 2P
   FRD MODULE - 100A/1200V/trr:250nsec
PD100F12 NIEC-PD100F12 Datasheet
207Kb / 2P
   100A Avg 1200 Volts
PD100F12 NIEC-PD100F12_1 Datasheet
207Kb / 2P
   100A Avg 1200 Volts
logo
National Instruments Co...
PD100F12 NI-PD100F12_15 Datasheet
207Kb / 2P
   FRD
logo
Nihon Inter Electronics...
PD100F2 NIEC-PD100F2 Datasheet
220Kb / 2P
   100Avg, 200 Volts
More results

Mô tả tương tự - PD100F5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012_1 Datasheet
157Kb / 2P
   100A Avg 12001600 Volts
PT100S16 NIEC-PT100S16_1 Datasheet
279Kb / 2P
   100A Avg 1600 Volts
FCU20UC20 NIEC-FCU20UC20 Datasheet
218Kb / 1P
   FRD - 20A Avg. 200 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
   100A Avg 1600 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
logo
National Instruments Co...
PC100F2 NI-PC100F2_15 Datasheet
226Kb / 2P
   100A Avg 200 Volts
PC100F6 NI-PC100F6_15 Datasheet
193Kb / 2P
   100A Avg 600 Volts
PC1008 NI-PC1008_15 Datasheet
155Kb / 2P
   100A Avg 800 Volts
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008_1 Datasheet
251Kb / 4P
   100A Avg 800 Volts
PE1008N NIEC-PE1008N_1 Datasheet
156Kb / 2P
   100A Avg 800 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com