công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1202M bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM1202M
Giải thích chi tiết về linh kiện  LM1202 230 MHz Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1202M bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1202M Datasheet HTML 5Page - National Semiconductor (TI) LM1202M Datasheet HTML 6Page - National Semiconductor (TI) LM1202M Datasheet HTML 7Page - National Semiconductor (TI) LM1202M Datasheet HTML 8Page - National Semiconductor (TI) LM1202M Datasheet HTML 9Page - National Semiconductor (TI) LM1202M Datasheet HTML 10Page - National Semiconductor (TI) LM1202M Datasheet HTML 11Page - National Semiconductor (TI) LM1202M Datasheet HTML 12Page - National Semiconductor (TI) LM1202M Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Circuit Description (Continued)
DRIVE CONTROL SECTION
A simplified schematic of the LM1202’s drive control section
is shown in
Figure 6
A 0V to 4V DC voltage is applied at
the drive control input (pin 9) Transistors Q49 Q50 and
Q54 buffer and level shift the contrast voltage to the base of
Q56 The voltage at the emitter of Q56 equals the drive
voltage Vdrive and the current through Q56’s collector is
given by IC56 e Vdrive R43
Transistor Q56’s collector current is used to unbalance the
current through the differential pair comprised of Q58 and
Q60 Q60’s base is internally biased at 73V and connected
to the base of Q12 (see
Figure 3 ) Q58’s base is internally
connected to the base of Q11 (see
Figure 3 ) With Vcont e
2V the differential pair (Q58 Q60) is balanced and the volt-
age at the bases of Q11 and Q12 is 73V Under this condi-
tion Q10’s collector current is equally split between Q11
and Q12 (see
Figure 3 ) If the drive voltage at pin 9 is great-
er than 2V then Q56’s collector current increases thus pull-
ing Q58’s collector node lower and consequently moving
Q58’s base below 73V With base of Q11 below 73V cur-
rent through Q12 (see
Figure 3 ) increases and the amplifi-
er’s gain increases With Vdrive e 4V the amplifier’s gain is
maximum under maximum contrast condition (ie Vcont e
4V)
If the drive voltage at pin 8 is less than 2V then Q56’s col-
lector current decreases and Q58’s base is pulled above
73V With base of Q11 greater than 73V less current flows
through Q12 (see
Figure 3 ) consequently the amplifier’s
gain decreases With Vdrive e 0V the amplifier’s gain is
6 dB less than the maximum gain
CLAMP GATE AND CLAMP COMPARATOR SECTION
Figures 7 and 8 show simplified schematics of the clamp
gate and clamp comparator circuits The clamp gate circuit
(Figure 7) consists of a PNP input buffer transistor (Q82) a
PNP emitter coupled pair (Q85 and Q86) referenced on one
side to 21V and an output switch transistor Q89 When the
clamp gate input at pin 14 is high (l 15V) the Q89 switch is
on and shunts the 200 mA current from current source Q90
to ground When pin 14 is low (k 13V) the Q89 switch is off
and the 200 mA current is mirrored by the current mirror
comprised of Q91 and Q75 (see
Figure 8 ) Consequently
the clamp comparator comprised of the differential pair Q74
and Q77 is enabled The input of the clamp comparator is
similar to the clamp gate except that an NPN emitter cou-
pled pair is used to control the current that will charge or
discharge the clamp capacitor externally connected from
pin 12 to ground PNP transistors are used at the inputs
because they offer a number of advantages over NPNs
PNPs will operate with base voltages at or near ground and
will usually have a greater emitter base breakdown voltage
(BVebo) Because the differential input voltage to the clamp
comparator during the video scan period could be greater
than the BVebo of NPN transistors a resistor (R63) with a
value one half that of R60 or R68 is connected between the
bases of Q71 and Q79 The clamp comparator’s common
mode range is from ground to approximately 9V and the
maximum differential input voltage is VCC
http
www nationalcom
9


Số phần tương tự - LM1202M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Seme LAB
LM120 SEME-LAB-LM120 Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM120 SEMTECH_ELEC-LM120 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM120 TI-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   LM120/LM320-N Series 3-Terminal Negative Regulators
LM120 TI1-LM120 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results

Mô tả tương tự - LM1202M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2202 NSC-LM2202 Datasheet
416Kb / 17P
   230 MHz Video Amplifier System
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1201 NSC-LM1201 Datasheet
374Kb / 16P
   Video Amplifier System
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com