công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA91 bảng dữ liệu(PDF) 1 Page - Fujitsu Component Limited.

tên linh kiện CA91
Giải thích chi tiết về linh kiện  CMOS AccelArray
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [Fujitsu Component Limited.]
Trang chủ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

CA91 bảng dữ liệu(HTML) 1 Page - Fujitsu Component Limited.

  CA91 Datasheet HTML 1Page - Fujitsu Component Limited. CA91 Datasheet HTML 2Page - Fujitsu Component Limited. CA91 Datasheet HTML 3Page - Fujitsu Component Limited. CA91 Datasheet HTML 4Page - Fujitsu Component Limited. CA91 Datasheet HTML 5Page - Fujitsu Component Limited. CA91 Datasheet HTML 6Page - Fujitsu Component Limited. CA91 Datasheet HTML 7Page - Fujitsu Component Limited. CA91 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS06-10801-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
Semicustom
CMOS
AccelArrayTM
CA91 Series
■ DESCRIPTION
AccelArrayTM* is a new structured ASIC family, offering short development time, and low development cost with
pre-diffused IP macros into base masters and pre-designed common 3 to 4 metal layers out of 6 to 7 layers.
By using 0.11
µm CMOS process technology, the devices can support 6 million logic gates, 4.55 Mbits SRAM
and 3.125 Gbps high speed transmission macros. Ultra-high pin count FC-BGA (up to 729 pins to 1681 pins)
packages are available.
* : AccelArrayTM is a trademark of Fujitsu Limited.
■ FEATURES
• High-speed, large scale ASIC produced in short development time:
TAT = One third compared with Standard Cell ASICs (target value)
• Uses an architecture that simplifies physical design tasks.
• Pre-designed common masters with IR-drop free.
• Pre-designed test circuit insertion to reduce test synthesis tasks.
• Uses a dedicated timing-driven layout tool to reduce development time.
• Signal Integrity Free (pre-designed main clock trees without design verifications)
• Max built-in gate number : 6,000,000 gates or more
• Technology : 0.11
µm Silicon gate CMOS, 6 to 7-metal layers (wiring material: copper), low-k inter-layer film
• Internal cells support high-speed operation
• Power supply voltage : +1.2 V ± 0.1 V/2.5 V
± 0.2 V (Dual power supply. Needs 1.5 V power supply during using
HTSL.) .
• Operation junction temperature :
−40 °C to +125 °C (standard)
• Max operating frequency: 333 MHz (internal circuit)
• Support for fast interface/macro (200 MHz/400 MHz DDR I/F, 2.5 Gbps PCI Express, 3.125 Gbps XAUI, etc.)
• Special interfaces (P-CML,LVDS,PCI,HSTL,SSTL-2, etc.)
• Embedded macro : PLL, SRAM
• 8-channel clock supply system incorporating a PLL
• Supports Memory-BIST/Boundary-SCAN
• Package : FC-BGA (729 pins to 1681 pins)
• ARM core is supported.
Note : It contains under planning.


Số phần tương tự - CA91

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
CA912 MOTOROLA-CA912 Datasheet
52Kb / 4P
   17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIER
logo
NXP Semiconductors
CA912 NXP-CA912 Datasheet
234Kb / 4P
   VHF/UHF CATV Amplifier
REV 7
logo
Integrated Device Techn...
CA91L8200B-100CE IDT-CA91L8200B-100CE Datasheet
1Mb / 439P
   PowerSpan II??User Manual
CA91L8200B-100IE IDT-CA91L8200B-100IE Datasheet
1Mb / 439P
   PowerSpan II??User Manual
CA91L8260B IDT-CA91L8260B Datasheet
1Mb / 439P
   PowerSpan II??User Manual
More results

Mô tả tương tự - CA91

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
   CMOS
VDD ETC2-VDD Datasheet
1Mb / 22P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Nel Frequency Controls,...
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
   CMOS
logo
List of Unclassifed Man...
VRD ETC2-VRD Datasheet
3Mb / 36P
   CMOS
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com