công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC-228 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện ADC-228
Giải thích chi tiết về linh kiện  8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ADC-228 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  ADC-228 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-228 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-228 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-228 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Table 3. Chip Select Truth Table
Figure 4. ADC-228 Timing Diagram
SAMPLE
N + 2
SAMPLE
N + 1
SAMPLE
N
OUTPUT
HOLD TIME
DATA
N – 1
DATA
N
DATA
N + 1
CLOCK
DIGITAL
OUTPUT
OUTPUT
DELAY
CS1
CS1
Pin 12
Pin 11
Bits 1-8
0
0
Three State Mode
0
1
Three State Mode
1
0
Data Outputted
1
1
Three State Mode
ADC-228
®
®
MECHANICAL DIMENSIONS INCHES (mm)
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
1
12
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
ORDERING INFORMATION
MODEL
TEMPERATURE RANGE
ADC-228MC
0 to +70°C
ADC-228MM
–55 to +125°C
ADC-228/883
–55 to +125°C
Receptacle for PC board mounting can be ordered through AMP Inc., part # 3-331272-8
(component lead socket), 24 required. Contact DATEL for 883 product specifications
IN N O VA T IO N a n d E X C ELL E N C E
®
®
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DS-0211B
10/96
ISO 9001
ISO 9001
REGISTERED
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com E-mail:sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025


Số phần tương tự - ADC-228

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADC-228A/883 MURATA-PS-ADC-228A/883 Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
DATEL, Inc.
ADC-228A/883 DATEL-ADC-228A/883 Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-228A883 DATEL-ADC-228A883 Datasheet
103Kb / 1P
   CMOS Flash A/D
logo
Murata Power Solutions ...
ADC-228AMC MURATA-PS-ADC-228AMC Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
More results

Mô tả tương tự - ADC-228

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Analog Devices
AD570 AD-AD570_17 Datasheet
850Kb / 9P
   Complete 8-Bit A-to-D Converter
AD570 AD-AD570 Datasheet
312Kb / 8P
   Complete 8-Bit A-to-D Converter
REV. A
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com