công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMBS5551 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FMBS5551
Giải thích chi tiết về linh kiện  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBS5551 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FMBS5551 Datasheet HTML 1Page - Fairchild Semiconductor FMBS5551 Datasheet HTML 2Page - Fairchild Semiconductor FMBS5551 Datasheet HTML 3Page - Fairchild Semiconductor FMBS5551 Datasheet HTML 4Page - Fairchild Semiconductor FMBS5551 Datasheet HTML 5Page - Fairchild Semiconductor FMBS5551 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A1, November 2004
E
C1
NC
C
C
B
SuperSOTTM-6 single
Mark: .3S1
pin #1
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1. These ratings are based on a maximum junction temperature of 150 degrees C.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
160
V
VCBO
Collector-Base Voltage
180
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current
- Continuous
600
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Sustaining Voltage *
IC = 1.0mA, IB = 0
160
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100µA, IE = 0
180
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10µA, IC = 0
6.0
V
ICBO
Collector Cutoff Current
VCB = 120V, IE = 0
VCB = 120V, IE = 0, Ta = 100°C
50
50
nA
µA
IEBO
Emitter Cut-off Current
VEB = 4.0V, IC = 0
50
nA
On Characteristics
hFE
DC Current Gain
IC = 1.0mA, VCE = 5.0V
IC = 10mA, VCE = 5.0V
IC = 50mA, VCE = 5.0V
80
80
30
250
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
0.15
0.2
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
1.0
1.0
V
Small Signal Characteristics
fT
Current Gain Bandwidth Product
IC = 10mA, VCE = 10, f = 100MHz
100
300
MHz
Cobo
Output Capacitance
VCE = 10V, IC = 0, f = 1.0MHz
6.0
pF
Cibo
Input Capacitance
VBE = 0.5V, IC = 0, f = 1.0MHz
20
pF
hfe
Small Single Current Gain
IC = 1.0mA, VCE = 10V, f = 1.0KHz
50
250
NF
Noise Figure
IC = 250µA, VCE = 5.0V,
RS = 1.0KΩ, f = 10 Hz to 15.7KHz
8.0
dB
NPN General Purpose Amplifier
• This device is designed for general purpose high voltage amplifiers
and gas discharge display drivers.
FMBS5551


Số phần tương tự - FMBS5551

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FMBS5401 FAIRCHILD-FMBS5401 Datasheet
95Kb / 6P
   PNP General Purpose Amplifier
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
   PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
More results

Mô tả tương tự - FMBS5551

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com