công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5263BRU20 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD5263BRU20
Giải thích chi tiết về linh kiện  Preliminary Technical Data
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5263BRU20 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD5263BRU20 Datasheet HTML 1Page - Analog Devices AD5263BRU20 Datasheet HTML 2Page - Analog Devices AD5263BRU20 Datasheet HTML 3Page - Analog Devices AD5263BRU20 Datasheet HTML 4Page - Analog Devices AD5263BRU20 Datasheet HTML 5Page - Analog Devices AD5263BRU20 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRELIMINARY TECHNICAL DATA
a
Quad +15V 256-Step DigiPOTs
with Pin Selectable SPI / I2C Digital Interface
Preliminary Technical Data
AD5263
08 AUG ’02, REV PrD
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use; nor for any infringements of patents or
other rights of third parties which may result from its use. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106,
Norwood, MA 02062-9106 U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
FEATURES
256 Position
4-Channel (Independently Programmable)
20k, 50k, 200k Ohms
Low Temperature Coefficient 50ppm/
oC
Selectable Digital Interface (3-Wire SPI Compatible or 2-Wire I
2C
Compatible Serial Data Input)
Operating temperature range -40 to 125ºC
+5 to +15V Single-Supply; ±5V Dual-Supply Operation
APPLICATIONS
Mechanical Potentiometer Replacement
Optical Network Laser LED Adjust
Instrumentation: Gain, Offset Adjustment
Stereo Channel Audio Level Control
Automotive Electronics Adjustment
Programmable Voltage to Current Conversion
Programmable Filters, Delays, Time Constants
Line Impedance Matching
Low Resolution DAC Replacement
GENERAL DESCRIPTION
The AD5263 is the industry first quad channel, 256 position,
digital potentiometer
1 selectable digital interface. These devices
perform the same electronic adjustment function as mechanical
potentiometers or variable resistor with enhanced resolution, solid-
state reliability, and superior low temperature coefficient
performance. Each Channel of the AD5263 contains a fixed resistor
with a wiper contact that taps the fixed resistor value at a point
determined by a digital code loaded into the 3 wire SPI or 2-wire
I
2C compatible serial-input register. The resistance between the
wiper and either end point of the fixed resistor varies linearly with
respect to the digital code transferred into the RDAC latch
1. The
variable resistor offers a completely programmable value of
resistance, between the A terminal and the wiper or the B terminal
and the wiper. The fixed A to B terminal resistance of 20k, 50k or
200k
Ω has a nominal temperature coefficient of 50 ppm/°C. Unlike
majority of the digital potentiometers in the market, these devices
can operate up to 15V or ±5V provided proper supply voltages are
furnished.
The AD5263 are available in thin narrow body TSSOP-24. All
parts are guaranteed to operate over the extended automotive
temperature range of -40°C to +125°C.
Functional Block Diagram
A1
W1
B1
A2
W2
B2
A3
W3
B3
A4
W4
B4
RDAC 1
REGISTER
RDAC 2
REGISTER
RDAC 3
REGISTER
RDAC 4
REGISTER
SERIAL INPUT
REGISTER
8
CLK /SCL
SDI / SDA
CS / AD0
V
L
GND
DIS
SDO / O1
NC / O2
V
DD
SHDN
RESB / AD1
V
SS
SPI / I2C
SELECT
LOGIC
ADDRESS
DECODER
AD5263
Figure 1 Normalized Gain Flatness Versus Frequency.


Số phần tương tự - AD5263BRU20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5263BRU20 AD-AD5263BRU20 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRU200 AD-AD5263BRU200 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
More results

Mô tả tương tự - AD5263BRU20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
   Preliminary Technical Data
Rev. PrA
AD53519 AD-AD53519 Datasheet
291Kb / 13P
   Preliminary Technical Data
REV. Pr J July 22, 2002
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
   Preliminary Technical Data
Rev. PrA
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com