công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34921AE bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện MC34921AE
Giải thích chi tiết về linh kiện  Configurable Motor Driver IC with Power Supplies
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MC34921AE bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MC34921AE Datasheet HTML 4Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 5Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 6Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 7Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 8Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 9Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 10Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 11Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34921
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 16 V B+ 34 V, 0
°C TA 70°C, and 0°C TJ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Serial Interfaces (MISO, MOSI, SCLK, CE)
Input Low Voltage from MCU
V5.0 = 5.0 V, V3.3 = 3.3 V, IIN <200 µA, VIN Falling
VIL
1.11.352.2
V
Input High Voltage
V5.0 = 5.0 V, V3.3 = 3.3 V, IIN <200 µA, VIN Rising
VIH
1.12.002.2
V
Input Hysteresis
V5.0 = 5.0 V, V3.3 =3.3 V
VHYS
0.4
0.6
1.5
V
Output High-Level, MISO (V5.0 = 5.0 V, V3.3 =3.3 V)
IOUT = 150 µA
IOUT =20 µA
VOH(MISO)
2.4
V3.3-0.1
V3.3-25
mV
V3.3-10
mV
V3.3
V3.3
V
Output Low-Level, MISO (V5.0 =5.0 V, V3.3 =3.3 V)
IOUT < 20 µA
IOUT < 150 µA
VOL(MISO)
0.0
0.0
10
25
100
400
mV
Input Pulldown Current
V5.0 = 5.0 V, V3.3 = 3.3 V, VIN = 5.0 V, Includes RST
IPULLDOWN
50
120
175
µA
MISO High-Impedance Current
MISO = 3.3 V or GND
IHI-Z
-100
0.1
100
µA
5.0 V Linear Regulator
Logic Supply Voltage
IV5.0 = 10 mA to 50 mA, 16 V < B+ < 20 V, REXT = 140 Ω
V5.0
4.8
5.0
5.2
V
Load Regulation
ILOAD = 10 mA to 50 mA
VILOAD
––
±100
mV
Current Limit Threshold
REXT = 0 Ω
ILIMIT
75
135
600
mA
V5.0 to Turn On/Off V3.3 Regulator
(7)
V5_3.3t
–2.2
V
Hysteresis for V5_3.3t
(7)
V5_3.3t_hys
175
mV
Notes
7.
See Figure 9, Power-Up Sequencing, page 21.


Số phần tương tự - MC34921AE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34921AE FREESCALE-MC34921AE Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
MC34921AER2 FREESCALE-MC34921AER2 Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
More results

Mô tả tương tự - MC34921AE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
34921 FREESCALE-34921 Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com