công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NBSG53ABA bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
NBSG53ABA bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
4 / 18 page NBSG53A http://onsemi.com 4 Table 5. ATTRIBUTES Characteristics Value Positive Operating Voltage Range for VCC (VEE = 0 V) 2.375 V to 3.465 V Negative Operating Voltage Range for VEE (VCC = 0 V) −2.375 V to −3.465 V Internal Input Pulldown Resistor (R, SEL) 75 k W ESD Protection Human Body Model Machine Model Charged Device Model > 1.5 kV > 50 V > 4 kV Moisture Sensitivity (Note 5) 16−FCBGA 16−QFN Level 3 Level 1 Flammability Rating UL 94 V−0 @ 0.125 in Oxygen Index 28 to 34 Transistor Count 482 Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 5. For additional information, refer to Application Note AND8003/D. Table 6. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Units VCC Positive Power Supply VEE = 0 V 3.6 V VEE Negative Power Supply VCC = 0 V −3.6 V VI Positive Input Negative Input VEE = 0 V VCC = 0 V VI v VCC VI w VEE 3.6 −3.6 V V VINPP Differential Input Voltage |D − D| VCC − VEE w 2.8 V VCC − VEE < 2.8 V 2.8 |VCC − VEE| V V IIN Input Current Through RT (50 W Resistor) Static Surge 45 80 mA mA IOUT Output Current Continuous Surge 25 50 mA mA TA Operating Temperature Range 16 FCBGA 16 QFN −40 to +70 −40 to +85 °C Tstg Storage Temperature Range −65 to +150 °C qJA Thermal Resistance (Junction−to−Ambient) (Note 6) 0 LFPM 500 LFPM 0 LFPM 500 LFPM 16 FCBGA 16 FCBGA 16 QFN 16 QFN 108 86 41.6 35.2 °C/W °C/W °C/W °C/W qJC Thermal Resistance (Junction−to−Case) 2S2P (Note 6) 2S2P (Note 7) 16 FCBGA 16 QFN 5.0 4.0 °C/W °C/W Tsol Wave Solder < 15 Seconds 225 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 6. JEDEC standard 51−6, multilayer board − 2S2P (2 signal, 2 power). 7. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad. |
Số phần tương tự - NBSG53ABA |
|
Mô tả tương tự - NBSG53ABA |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |