công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KFH4G16Q2M-DED5 bảng dữ liệu(PDF) 7 Page - Samsung semiconductor

tên linh kiện KFH4G16Q2M-DED5
Giải thích chi tiết về linh kiện  FLASH MEMORY(54MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMSUNG [Samsung semiconductor]
Trang chủ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFH4G16Q2M-DED5 bảng dữ liệu(HTML) 7 Page - Samsung semiconductor

Back Button KFH4G16Q2M-DED5 Datasheet HTML 3Page - Samsung semiconductor KFH4G16Q2M-DED5 Datasheet HTML 4Page - Samsung semiconductor KFH4G16Q2M-DED5 Datasheet HTML 5Page - Samsung semiconductor KFH4G16Q2M-DED5 Datasheet HTML 6Page - Samsung semiconductor KFH4G16Q2M-DED5 Datasheet HTML 7Page - Samsung semiconductor KFH4G16Q2M-DED5 Datasheet HTML 8Page - Samsung semiconductor KFH4G16Q2M-DED5 Datasheet HTML 9Page - Samsung semiconductor KFH4G16Q2M-DED5 Datasheet HTML 10Page - Samsung semiconductor KFH4G16Q2M-DED5 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB5)
FLASH MEMORY
7
OneNAND2G(KFH2G16Q2M-DEB5)
OneNAND4G(KFW4G16Q2M-DEB5)
1.5
Product Features
Device Architecture
• Design Technology:
• Supply Voltage:
• Host Interface:
• 5KB Internal BufferRAM:
• SLC NAND Array:
Device Performance
• Host Interface Type:
• Programmable Burst Read Latency:
• Multiple Sector Read/Write:
• Multiple Reset Modes:
• Multi Block Erase:
• Low Power Dissipation:
System Hardware
• Voltage detector generating internal reset signal from Vcc
• Hardware reset input (RP)
• Data Protection Modes
• User-controlled One Time Programmable(OTP) area
• Internal 2bit EDC / 1bit ECC
• Internal Bootloader supports Booting Solution in system
• Handshaking Feature
• Detailed chip information
Packaging
• 1G products
• 2G DDP products
• 4G QDP products
90nm
1.8V (1.7V ~ 1.95V)
16 bit
1KB BootRAM, 4KB DataRAM
(2K+64)B Page Size, (128K+4K)B Block Size
Synchronous Burst Read
- Up to 54MHz clock frequency
- Linear Burst 4-, 8-, 16-, 32-words with wrap around
- Continuous 1K word Sequential Burst
Asynchronous Random Read
- 76ns access time
Asynchronous Random Write
Latency 3(up to 40MHz), 4, 5, 6, and 7
Up to 4 sectors using Sector Count Register
Cold/Warm/Hot/NAND Flash Core Resets
Up to 64 Blocks
Typical Power,
- Standby current :
10uA @ Single , 20uA @ DDP, 40uA @ QDP
- Synchronous Burst Read current(54MHz) :
12mA @ Single, 17mA @ DDP/QDP
- Load current : 30mA
- Program current : 25mA
- Erase current : 20mA
- Multi Block Erase current : 20mA
- Endurance : 100K Program/Erase Cycles
- Data Retention : 10 Years
- Write Protection for BootRAM
- Write Protection for NAND Flash Array
- Write Protection during power-up
- Write Protection during power-down
- INT pin indicates Ready / Busy
- Polling the interrupt register status bit
- by ID register
63ball, 10mm x 13mm x max 1.0mmt, 0.8mm ball pitch FBGA
63ball, 11mm x 13mm x max 1.2mmt, 0.8mm ball pitch FBGA
63ball, 11mm x 13mm x max 1.4mmt, 0.8mm ball pitch FBGA


Số phần tương tự - KFH4G16Q2M-DED5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
KFH4G16Q2M-DED6 SAMSUNG-KFH4G16Q2M-DED6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
More results

Mô tả tương tự - KFH4G16Q2M-DED5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com