công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5635 bảng dữ liệu(PDF) 1 Page - Microsemi Corporation

tên linh kiện 1N5635
Giải thích chi tiết về linh kiện  1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5635 bảng dữ liệu(HTML) 1 Page - Microsemi Corporation

  1N5635 Datasheet HTML 1Page - Microsemi Corporation 1N5635 Datasheet HTML 2Page - Microsemi Corporation 1N5635 Datasheet HTML 3Page - Microsemi Corporation 1N5635 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1500 WATT UNIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSOR
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
11-06-2003 REV A
SCOTTSD A L E DIVISION
1N5629 thru 1N5665A
DESCRIPTION
APPEARANCE
This popular Transient Voltage Suppressor (TVS) series for 1N5629 thru
1N5665A are JEDEC registered selections for unidirectional devices. All
have the same high Peak Pulse Power rating of 1500 W with extremely fast
response times. They are also available in military qualified selections as
described in the Features section herein. They are most often used for
protecting against transients from inductive switching environments,
induced RF effects, or induced secondary lightning effects as found in
lower surge levels of IEC61000-4-5. They are also very successful in
protecting airborne avionics and electrical systems. Since their response
time is virtually instantaneous, they can also protect from ESD and EFT per
IEC61000-4-2 and IEC61000-4-4.
DO-13
(DO-202AA)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Unidirectional TVS series for thru-hole mounting
• Suppresses transients up to 1500 watts @ 10/1000 µs
(see Figure 1)
• Clamps transient in less than 100 pico seconds
• Working voltage (VWM) range 5 V to 171 V
• Hermetic sealed DO-13 metal package
• JAN/TX/TXV military qualifications also available for
the tighter tolerance “A” suffix devices per MIL-PRF-
19500/500 by adding the JAN, JANTX, or JANTXV
prefix, e.g. JANTXV1N5629A, etc.
• For bidirectional TVS in the same DO-13 package,
see separate data sheet for the 1N6036 – 1N6072A
series (also military qualified)
• Surface mount equivalent packages also available as
SMCJ5.0 - SMCJ170CA or SMCG5.0 – SMCG170CA
in separate data sheet (consult factory for other
surface mount options)
• Plastic axial-leaded equivalents available in the
1N6267 – 1N6303A series in separate data sheet
• Protection from switching transients and induced RF
• ESD & EFT protection per IEC 61000-4-2 and -4-4
• Secondary lightning protection per IEC61000-4-5 with
42 Ohms source impedance:
Class 1: 1N5629 to 1N5665A
Class 2: 1N5629 to 1N5663A
Class 3: 1N5629 to 1N5655A
Class 4: 1N5629 to 1N5648A
• Secondary lightning protection per IEC61000-4-5 with
12 Ohms source impedance:
Class 1 : 1N5629 to 1N5658A
Class 2: 1N5629 to 1N5651A
Class 3: 1N5629 to 1N5643A
Class 4: 1N5629 to 1N5636A
• Secondary lightning protection per IEC61000-4-5 with
2 Ohms source impedance:
Class 2: 1N5629 to 1N5642A
Class 3: 1N5629 to 1N5635A
• Inherently radiation hard per Microsemi MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• 1500 Watts for 10/1000 µs with repetition rate of 0.01% or
less*
at lead temperature (TL) 25
oC (See Figs. 1, 2, & 4)
• Operating & Storage Temperatures: -65o to +175oC
• THERMAL RESISTANCE: 50oC/W junction to lead at
0.375 inches (10 mm) from body or 110
oC/W junction to
ambient when mounted on FR4 PC board with 4 mm
2
copper pads (1 oz) and track width 1 mm, length 25 mm
• DC Power Dissipation
*: 1 Watt at TL < +125oC 3/8” (10
mm) from body (see derating in Fig 3 and note below)
• Forward surge current: 200 Amps for 8.3ms half-sine
wave at TA = +25
oC
• Solder Temperatures: 260 o C for 10 s (maximum)
CASE: DO-13 (DO-202AA), welded, hermetically
sealed metal and glass
FINISH: All external metal surfaces are Tin-Lead
plated and solderable per MIL-STD-750 method
2026
POLARITY: Cathode connected to case and polarity
indicated by diode symbol
MARKING: Part number and polarity diode symbol
WEIGHT: 1.4 grams. (Approx)
TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
See package dimension on last page
* TVS devices are not typically used for dc power dissipation and are instead operated at or less than their rated standoff voltage
(VWM) except for transients that briefly drive the device into avalanche breakdown (VBR to VC region).


Số phần tương tự - 1N5635

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N5635 MICROSEMI-1N5635 Datasheet
115Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Littelfuse
1N5635 LITTELFUSE-1N5635 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N5635 NJSEMI-1N5635 Datasheet
324Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Digitron Semiconductors
1N5635 DIGITRON-1N5635 Datasheet
506Kb / 4P
   TRANSIENT ABSORPTION ZENER
logo
New Jersey Semi-Conduct...
1N5635 NJSEMI-1N5635 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
More results

Mô tả tương tự - 1N5635

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Fairchild Semiconductor
SMBJ12A822 FAIRCHILD-SMBJ12A822 Datasheet
67Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
SMBJ12A933 FAIRCHILD-SMBJ12A933 Datasheet
83Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
logo
Microsemi Corporation
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com