công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5634 bảng dữ liệu(PDF) 3 Page - Microsemi Corporation

tên linh kiện 1N5634
Giải thích chi tiết về linh kiện  1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5634 bảng dữ liệu(HTML) 3 Page - Microsemi Corporation

  1N5634 Datasheet HTML 1Page - Microsemi Corporation 1N5634 Datasheet HTML 2Page - Microsemi Corporation 1N5634 Datasheet HTML 3Page - Microsemi Corporation 1N5634 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1500 WATT UNIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSOR
100
10
1.0
0.1Kw
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2002
11-06-2003 REV A
SCOTTSD A L E DIVISION
1N5629 thru 1N5665A
Breakdown
Breakdown
Voltage
Voltage
V(BR) @ I(BR)
V
Min.
Max.
Min.
Max.
Breakdown
Current
Breakdown
Current
I(BR)
I
Rated
Standoff
Voltage
Rated
Standoff
Voltage
VWM
V
Maximum
Maximum
Standby
Current
Standby
Current
ID @ VWM
I
Maximum
Clamping
Voltage
Maximum
Clamping
Voltage
VC @ IPP
V
Maximum
Peak
Pulse
Current
Maximum
Peak
Pulse
Current
IPP
I
Maximum
Temperature
Maximum
Temperature
Coefficient of V(BR)
αV(BR)
Coefficient of V
(BR) @ I(BR)
(BR)
WM
D @ VWM
C @ I
PP
PP
(BR)
αV(BR)
JEDEC
Type
No.*
V
V
mA
V
µA
V
A
%/
oC
1N5661
1N5661A
1N5662
1N5662A
135
143
144
152
165
158
176
168
1
1
1
1
121
128
130
136
5
5
5
5
215
207
230
219
7.0
7.2
6.5
6.8
.108
.108
.108
.108
1N5663
1N5663A
1N5664
1N5664A
153
162
162
171
187
179
198
189
1
1
1
1
138
145
146
154
5
5
5
5
244
234
258
246
6.2
6.4
5.8
6.1
.108
.108
.108
.108
1N5665
1N5665A
180
190
220
210
1
1
162
171
5
5
287
274
5.2
5.5
.108
.108
* No suffix = 10% tolerance, suffix A = 5% tolerance. Suffix A also available in military qualified types with a JAN, JANTX, or JANTXV prefix.
NOTES: V(BR) is measured after I(BR) has been applied for < 300ms.
Forward voltage
VF at 100 amps peak 8.3 ms is 3.5 volts max.
SYMBOLS & DEFINITIONS
Symbol
Definition
VWM
Standoff Voltage: Applied Reverse Voltage to assure a nonconductive condition. (See Note 1.)
V(BR)
Breakdown Voltage: This is the Breakdown Voltage the device will exhibit at 25
oC
VC
Maximum Clamping Voltage: The maximum peak voltage appearing across the TVS when subjected to the
peak pulse current in a one millisecond time interval. The peak pulse voltage is the combination of voltage rise
due to both the series resistance and thermal rise and positive temperature coefficient (αV(BR))
IPP
Peak Pulse Current: The peak current during the impulse (See Figure 2)
PPP
Peak Pulse Power: The pulse power as determined by the product of VC and IPP
ID
Standby Current: The current at the standoff voltage (VWM)
I(BR)
Breakdown Current: The current used for measuring Breakdown Voltage (V(BR))
NOTE 1: A TVS is normally selected according to the rated “Standoff Voltage” VWM that should be equal to or greater than the dc or
continuous peak operating voltage level.
GRAPHS
100ns
1
µs
10
µs
100
µs
1ms
10ms
Square-wave pulse
Exponential wave-form
(See FIG. 2)
Peak Value
IPP
Pulse time duration (tp) is
defined as that point where
IP decays to 50% of peak
value (IPP).
time (t) in milliseconds
Pulse Time (tp)
FIG. 2 Pulse wave form for exponential surge
FIG. 1 – Non-repetive peak pulse power rating curve
NOTE: Peak power defined as peak voltage times peak current


Số phần tương tự - 1N5634

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N5634 MICROSEMI-1N5634 Datasheet
115Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Littelfuse
1N5634 LITTELFUSE-1N5634 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N5634 NJSEMI-1N5634 Datasheet
324Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Digitron Semiconductors
1N5634 DIGITRON-1N5634 Datasheet
506Kb / 4P
   TRANSIENT ABSORPTION ZENER
logo
New Jersey Semi-Conduct...
1N5634 NJSEMI-1N5634 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
More results

Mô tả tương tự - 1N5634

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Fairchild Semiconductor
SMBJ12A822 FAIRCHILD-SMBJ12A822 Datasheet
67Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
SMBJ12A933 FAIRCHILD-SMBJ12A933 Datasheet
83Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
logo
Microsemi Corporation
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com