công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5120 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS5120
Giải thích chi tiết về linh kiện  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5120 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS5120 Datasheet HTML 1Page - Texas Instruments ADS5120 Datasheet HTML 2Page - Texas Instruments ADS5120 Datasheet HTML 3Page - Texas Instruments ADS5120 Datasheet HTML 4Page - Texas Instruments ADS5120 Datasheet HTML 5Page - Texas Instruments ADS5120 Datasheet HTML 6Page - Texas Instruments ADS5120 Datasheet HTML 7Page - Texas Instruments ADS5120 Datasheet HTML 8Page - Texas Instruments ADS5120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADS5120
4
SBAS247B
www.ti.com
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Maximum Conversion Rate
1
40
MSPS
Clock Duty Cycle
DCASEL Enabled
30 to 70
%
Data Latency(1)
7
Clk Cycles
Clock
↓ to Data Valid
tDO(1)
810
ns
OE
↓ to Outputs Enabled
tEN(1)
8ns
OE
↑ Rising to Outputs Tri-Stated
tDIS
8ns
Aperture Delay
1ns
Aperture Uncertainty (Jitter)
2
ps, r ms
NOTE: (1) See Timing Diagram.
ADS5120
TARGETED AC CHARACTERISTICS
AVDD = DVDD = 1.8V, DRVDD = 3.3V, 50% Clock Duty Cycle, CLK = 40MSPS, Analog input at –0.5dBFS Input Span, Internal voltage reference, TMIN = 0°C,
TMAX = 70°C, and typical values are at TA = 25°C, unless otherwise noted.
ADS5120
SWITCHING CHARACTERISTICS
AVDD = DVDD = 1.8V, DRVDD = 3.3V, 50% Clock Duty Cycle, CLK = 40MSPS, Analog input at –0.5dBFS Input Span, Internal voltage reference, TMIN = 0°C,
TMAX = 70°C, and Typical values are at TA = 25°C, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Signal-to-Noise Ratio
(SNR)
fIN = 3.5MHz
55
58
dB
fIN = 10MHz
55
58
dB
fIN = 20MHz
58
dB
Signal-to-Noise and Distortion
(SINAD)
fIN = 3.5MHz
55
57
dB
fIN = 10MHz
55
57
dB
fIN = 20MHz
57
dB
Effective Number of Bits
(ENOB)
fIN = 3.5MHz
8.8
9.2
Bits
fIN = 10MHz
8.8
9.2
Bits
fIN = 20MHz
8.8
9.2
Bits
Spurious-Free Dynamic Range
(SFDR)
fIN = 3.5MHz
65
73
dBc
fIN = 10MHz
65
72
dBc
fIN = 20MHz
72
dBc
2nd-Harmonic Distortion
(HD2)
fIN = 3.5MHz
68
79
dBc
fIN = 10MHz
68
80
dBc
fIN = 20MHz
80
dBc
3rd-Harmonic Distortion
(HD3)
fIN = 3.5MHz
65
76
dBc
fIN = 10MHz
65
78
dBc
fIN = 20MHz
73
dBc
2-Tone Intermod. Distortion
(IMD)
f1 = 4.43MHz, f2 = 4.53MHz at –6.5dB
–69
dBFS
Channel-to-Channel Crosstalk
fIN = 10MHz, DRVDD = 3.3V
89
dB
Large-Signal Bandwidth
(FPBW)
300
MHz
Over-Voltage Recovery Time(1)
20
ns
Differential Gain(1)
±1%
Differential Phase(1)
±0.25
Degree
NOTE: (1) Assured by design.
TIMING DIAGRAM (Per ADC Channel)
Analog
Input
CLK
OE
D[9:0]
S – 6
S – 7S – 5S – 4S – 3S – 2S – 1S1
S2
t
DO
t
DIS
t
EN
Sample 1
Sample 2
910
8
7
6
5
4
3
2
1


Số phần tương tự - ADS5120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5120 TI1-ADS5120 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI1-ADS5120CGHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CZHK TI1-ADS5120CZHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120EVM TI1-ADS5120EVM Datasheet
1Mb / 22P
[Old version datasheet]   PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
ADS5120EVM TI1-ADS5120EVM_14 Datasheet
1Mb / 22P
[Old version datasheet]   PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
More results

Mô tả tương tự - ADS5120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com