công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N02L163WN1AB bảng dữ liệu(PDF) 3 Page - NanoAmp Solutions, Inc.

tên linh kiện N02L163WN1AB
Giải thích chi tiết về linh kiện  2Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANOAMP [NanoAmp Solutions, Inc.]
Trang chủ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L163WN1AB bảng dữ liệu(HTML) 3 Page - NanoAmp Solutions, Inc.

  N02L163WN1AB Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(DOC# 14-02-014 REV L ECN# 01-1000)
3
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WN1A
Functional Block Diagram
Functional Description
CE
WE
OE
UB
LB
I/O0 - I/O151
1. When UB and LB are in select mode (low), I/O0 - I/O15 are affected as shown. When LB only is in the select mode only I/O0 - I/O7
are affected as shown. When UB is in the select mode only I/O8 - I/O15 are affected as shown.
MODE
POWER
H
X
XXX
High Z
Standby2
2. When the device is in standby mode, control inputs (WE, OE, UB, and LB), address inputs and data input/outputs are internally
isolated from any external influence and disabled from exerting any influence externally.
Standby
L
X
X
H
H
High Z
Active
Active
LL
X3
3. When WE is invoked, the OE input is internally disabled and has no effect on the circuit.
L1
L1
Data In
Write3
Active
LH
L
L1
L1
Data Out
Read
Active
L
H
H
X
X
High Z
Active
Active
Capacitance1
1. These parameters are verified in device characterization and are not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
Address
Inputs
A0 - A3
Address
Inputs
A4 - A16
Word
Address
Decode
Logic
32K Page
x 16 word
x 16 bit
RAM Array
Input/
Output
Mux
and
Buffers
Page
Address
Decode
Logic
Control
Logic
CE
WE
OE
UB
LB
I/O0 - I/O7
I/O8 - I/O15


Số phần tương tự - N02L163WN1AB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB NANOAMP-N02L163WC2AB Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB2 NANOAMP-N02L163WC2AB2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT NANOAMP-N02L163WC2AT Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT2 NANOAMP-N02L163WC2AT2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
More results

Mô tả tương tự - N02L163WN1AB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
ON Semiconductor
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com