công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV212AN32 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện MTV212AN32
Giải thích chi tiết về linh kiện  8051 Embedded Monitor Controller Mask ROM Type
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MTV212AN32 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MTV212AN32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MYSON
TECHNOLOGY
MTV212A32
(Rev. 1.2)
Revision 1.2
- 8 -
2000/07/04
= 4
→ Select AUXRAM bank 0.
= 5
→ Select AUXRAM bank 1.
4. Extra I/O
The extra I/O is a group of I/O pins located in XFR area. Port4 is output mode only. Port5 can be used as
both output and input, because Port5's pin is open drain type, user must write Port5's corresponding bit to
"1" in input mode.
Reg name
addr
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
PORT4
38h (w)
P42
P41
P40
PORT5
39h (r/w)
P56
P55
P54
P53
P52
P51
P50
PORT4 (w) :
Port 4 data output value.
PORT5 (r/w) :
Port 5 data input/output value.
5. PWM DAC
Each PWM DAC converter's output pulse width is controlled by an 8-bit register in XFR. The frequency of
PWM clk is 47KHz or 94KHz, selected by PWMF. And the total duty cycle step of these DAC outputs is 253
or 256, selected by DIV253. If DIV253=1, writing FDH/FEH/FFH to DAC register generates stable high
output. If DIV253=0, the output will pulse low at least once even if the DAC register's content is FFH. Writing
00H to DAC register generates stable low output.
Reg name
addr
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DA0
20h (r/w)
Pulse width of PWM DAC 0
DA1
21h (r/w)
Pulse width of PWM DAC 1
DA2
22h (r/w)
Pulse width of PWM DAC 2
DA3
23h (r/w)
Pulse width of PWM DAC 3
DA4
24h (r/w)
Pulse width of PWM DAC 4
DA5
25h (r/w)
Pulse width of PWM DAC 5
DA6
26h (r/w)
Pulse width of PWM DAC 6
DA7
27h (r/w)
Pulse width of PWM DAC 7
DA8
28h (r/w)
Pulse width of PWM DAC 8
DA9
29h (r/w)
Pulse width of PWM DAC 9
DA10
2Ah (r/w)
Pulse width of PWM DAC 10
DA11
2Bh (r/w)
Pulse width of PWM DAC 11
DA12
2Ch (r/w)
Pulse width of PWM DAC 12
DA13
2Dh (r/w)
Pulse width of PWM DAC 13
DA0-13 (r/w) :
The output pulse width control for DA0-13.
* All of PWM DAC converters are centered with value 80h after power on.
6. H/V SYNC Processing
The H/V SYNC processing block performs the functions of composite signal separation/insertion, SYNC
inputs presence check, frequency counting, polarity detection and control, as well as the protection of
VBLANK output while VSYNC speed up in high DDC communication clock rate. The present and frequency
function block treat any pulse shorter than one OSC period as noise.


Số phần tương tự - MTV212AN32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV212A16 ETC1-MTV212A16 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A16 ETC2-MTV212A16 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A24 ETC1-MTV212A24 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A24 ETC2-MTV212A24 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC1-MTV212A32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Mô tả tương tự - MTV212AN32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com