công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV212AN32 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện MTV212AN32
Giải thích chi tiết về linh kiện  8051 Embedded Monitor Controller Mask ROM Type
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MTV212AN32 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  MTV212AN32 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212AN32 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MYSON
TECHNOLOGY
MTV212A32
(Rev. 1.2)
Revision 1.2
- 5 -
2000/07/04
PIN CONFIGURATION
A “CMOS output pin” means it can sink and drive at least 4mA current. It’s not recommended to use such pin
as input fuction.
A “5V open drain pin” means it can sink at least 4mA current but only drive 10~20uA to VDD. It can be used
as input or output function and need an external pull up resistor.
A “8051 standard pin” is a pseudo open drain pin. It can sink at least 4mA current when output low level, and
drive at least 4mA current for 160nS when output transit from low to high, then keep drive 100uA to maintain
the pin at high level. It can be used as input or output function. It need an external pull up resistor when drive
heavy load device.
FUNCTIONAL DESCRIPTIONS
1. 8051 CPU Core
MTV212A32 includes all 8051 functions with the following exceptions:
1.1 PSEN, ALE, RD and WR pins are disabled. The external RAM access is restricted to XFRs within the
MTV212A32.
1.2 Port0, port3.3, port3.6 and port3.7 are not general-purpose I/O ports. They are dedicated to monitor
special application.
1.3 INT1 input pin is not provided, it is connected to special interrupt sources.
1.4 Port2 are shared with special function pins.
In addition, there are 2 timers, 5 interrupt sources and serial interface compatible with the standard 8051.
Note: All registers listed in this document reside in external RAM area (XFR). For internal RAM memory map
please refer to 8051 spec.
2. Memory Allocation
2.1 Internal Special Function Registers (SFR)
The SFR is a group of registers that are the same as standard 8051.
2.2 Internal RAM
There are total 256 bytes internal RAM in MTV212A32, same as standard 8052.
2.3 External Special Function Registers (XFR)
The XFR is a group of registers allocated in the 8051 external RAM area 00h - 7Fh. Most of the registers are
used for monitor control or PWM DAC. Program can initialize Ri value and use "MOVX" instruction to access
these registers.
2.4 Auxiliary RAM (AUXRAM)
There are total 256 bytes auxiliary RAM allocated in the 8051 external RAM area 80h - FFh. The AUXRAM is
divided into two banks, selected by XBANK register. Program can initialize Ri value and use "MOVX"
instruction to access the AUXRAM.


Số phần tương tự - MTV212AN32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV212A16 ETC1-MTV212A16 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A16 ETC2-MTV212A16 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A24 ETC1-MTV212A24 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A24 ETC2-MTV212A24 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC1-MTV212A32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Mô tả tương tự - MTV212AN32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com