công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV212A32 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện MTV212A32
Giải thích chi tiết về linh kiện  8051 Embedded Monitor Controller Mask ROM Type
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MTV212A32 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTV212A32 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MYSON
TECHNOLOGY
MTV212A32
(Rev. 1.2)
Revision 1.2
- 6 -
2000/07/04
3. Chip Configuration
The Chip Configuration registers define the chip pins function, as well as the functional blocks' connection,
configuration and frequency.
Reg name
addr
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
PADMOD
30h (w)
DA13E
DA12E
DA11E
DA10E
AD3E
AD2E
AD1E
AD0E
PADMOD
31h (w)
P56E
P55E
P54E
P53E
P52E
P51E
P50E
PADMOD
32h (w)
HIICE
IIICE
HLFVE
HLFHE
HCLPE
P42E
P41E
P40E
OPTION
33h (w)
PWMF
DIV253
FclkE
IICpass
ENSCL
Msel
MIICF1
MIICF0
OPTION
34h (w)
SlvAbs1 SlvAbs0
XBANK
35h (r/w)
Xbnk2
Xbnk1
Xbnk0
PADMOD (w) : Pad mode control registers. (All are "0" in Chip Reset)
DA13E = 1
→ pin “P2.7/DA13”is DA13.
= 0
→ pin “P2.7/DA13”is P2.7.
DA12E = 1
→ pin “P2.6/DA12”is DA12.
= 0
→ pin “P2.6/DA12”is P2.6.
DA11E = 1
→ pin “P2.5/DA11”is DA11.
= 0
→ pin “P2.5/DA11”is P2.5.
DA10E = 1
→ pin “P2.4/DA10”is DA10.
= 0
→ pin “P2.4/DA10”is P2.4.
AD3E
= 1
→ no action
= 0
→ no action
AD2E
= 1
→ pin “P2.2/AD2”is AD2.
= 0
→ pin “P2.2/AD2”is P2.2.
AD1E
= 1
→ pin “P2.1/AD1”is AD1.
= 0
→ pin “P2.1/AD1”is P2.1.
AD0E
= 1
→ pin “P2.0/AD0”is AD0.
= 0
→ pin “P2.0/AD0”is P2.0.
P56E
= 1
→ pin “DA6/P5.6”is P5.6.
= 0
→ pin “DA6/P5.6”is DA6.
P55E
= 1
→ pin “DA5/P5.5”is P5.5.
= 0
→ pin “DA5/P5.5”is DA5.
00h
7Fh
80h
FFh
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=0)(Using
MOVX A,@Ri
instruction)
XFR
Accessible by
indirect external
RAM addressing
(Using
MOVX A,@Ri
instruction
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=1)(Using
MOVX A,@Ri
instruction)
00h
7Fh
80h
FFh
Internal RAM
Accessible by
indirect
addressing only
(Using
MOV A,@Ri
instruction)
Internal RAM
Accessible by
direct and indirect
addressing
SFR
Accessible by
direct addressing


Số phần tương tự - MTV212A32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV212A32 ETC1-MTV212A32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A32 ETC2-MTV212A32 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32U ETC1-MTV212A32U Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A32U ETC2-MTV212A32U Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

Mô tả tương tự - MTV212A32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com