công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KA78XXR bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện KA78XXR
Giải thích chi tiết về linh kiện  3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78XXR bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  KA78XXR Datasheet HTML 1Page - Fairchild Semiconductor KA78XXR Datasheet HTML 2Page - Fairchild Semiconductor KA78XXR Datasheet HTML 3Page - Fairchild Semiconductor KA78XXR Datasheet HTML 4Page - Fairchild Semiconductor KA78XXR Datasheet HTML 5Page - Fairchild Semiconductor KA78XXR Datasheet HTML 6Page - Fairchild Semiconductor KA78XXR Datasheet HTML 7Page - Fairchild Semiconductor KA78XXR Datasheet HTML 8Page - Fairchild Semiconductor KA78XXR Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM78XX (KA78XX, MC78XX) FIXED VOLTAGE REGULATOR (POSITIVE)
ABSOLUTE MAXIMUM RATINGS (T
A = +25
°C, unless otherwise specified)
LM7805/I/R/RI ELECTRICAL CHARACTERISTICS
(Refer to test circuit, TMIN < TJ < TMAX, IO = 500mA, VI = 10V, CI= 0.33
µF, C
O= 0.1
µF, unless otherwise specified)
* TMIN <TJ <TMAX
LM78XXI/RI: TMIN= - 40
°C, T
MAX = +125
°C
LM78XX/R: TMIN= 0
°C, T
MAX= +125
°C
* Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects
must be taken into account separately. Pulse testing with low duty is used.
Characteristic
Symbol
Value
Unit
Input Voltage (for VO = 5V to 18V)
(for VO = 24V)
VI
VI
35
40
V
V
Thermal Resistance Junction-Cases
RθJC
5
°C/W
Thermal Resistance Junction-Air
RθJA
65
°C/W
Operating Temperature Range KA78XX/A/R/RA
KA78XXI/RI
TOPR
0 ~ +125
-40 ~ +125
°C
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
LM7805I
LM7805
Min Typ Max Min Typ Max
TJ =+25
°C
4.8
5.0
5.2
4.8
5.0
5.2
Output Voltage
VO
5.0mA
≤ I
O
≤1.0A, P
O
≤ 15W
VI = 7V to 20V
VI = 8V to 20V
4.75
5.0
5.25
4.75
5.0
5.25
V
VO = 7V to 25V
4.0
100
4.0
100
VI = 8V to 12V
1.6
50
1.6
50
IO = 5.0mA to1.5A
9
100
9
100
IO =250mA to 750mA
4
50
4
50
Quiescent Current
IQ
TJ =+25
°C
5.0
8
5.0
8
mA
IO = 5mA to 1.0A
0.03
0.5
0.03
0.5
Quiescent Current Change
∆I
Q
VI= 7V to 25V
0.3
1.3
mA
VI= 8V to 25V
0.3
1.3
Output Voltage Drift
∆V
O/
∆T IO= 5mA
-0.8
-0.8
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100Khz, TA=+25
°C
42
42
µV/Vo
Ripple
Rejection
RR
f = 120Hz
VO = 8 to 18V
62
73
62
73
dB
Dropout Voltage
VO
IO = 1A, TJ =+25
°C
2
2
V
Output Resistance
RO
f = 1KHz
15
15
m
Short Circuit Current
ISC
VI = 35V, TA =+25
°C
230
230
mA
Peak Current
IPK
TJ =+25
°C
2.2
2.2
A
Characteristic
Symbol
Test Conditions
Unit
Line Regulation
∆V
O
∆V
O
Load Regulation
TJ=+25
°C
TJ=+25
°C
mV
mV


Số phần tương tự - KA78XXR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA78XX FAIRCHILD-KA78XX Datasheet
232Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
KA78XXE FAIRCHILD-KA78XXE Datasheet
254Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
KA78XXE FAIRCHILD-KA78XXE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
More results

Mô tả tương tự - KA78XXR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com