công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CX1157 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện CX1157
Giải thích chi tiết về linh kiện  Hydrogen-Filled Ceramic Thyratron
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

CX1157 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  CX1157 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX1157 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX1157 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX1157 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX1157 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHARACTERISTICS
Min
Typical Max
Critical DC anode voltage for
conduction (see note 10) .
.
. –
0.2
0.3
kV
Anode delay time
(see notes 10 and 13) .... –
0.15
0.25
ms
Anode delay time drift
(see notes 10 and 14) .... –
20
50
ns
Time jitter (see note 10) .... –
1.0
5.0
ns
Recovery time ........
see note 15 and curves
Heater and reservoir current
(at 6.3 V) ........ 7.5
9.0
10.5
A
SINGLE-SHOT OR CROWBAR SERVICE
In applications requiring a very rapid rate of rise of anode
current, the CX1157 geometry allows it to be mounted in a
coaxial structure in order to minimise the total circuit
inductance. Operation of the tube under the following ratings
results in short anode delay times and very low time jitter.
MAXIMUM AND MINIMUM RATINGS
(Absolute values)
Min
Typical Max
Anode
Peak forward anode voltage
(see note 16) ....... –
20
kV
Peak anode current
(see note 17) ....... –
3000
A
Average anode current
.... –
300
mA
Grid 2
Unloaded grid 2 drive pulse
voltage ......... 0.5
1.0
2.0
kV
Grid 2 pulse duration ..... 0.25
5.0
ms
Rate of rise of grid 2 pulse
(unloaded)
......
10
30
kV/
ms
Loaded grid 2 bias voltage .
750
7150
7200
V
Forward impedance of
grid 2 drive circuit ....
50
50
500
O
Grid 1
Grid 1 drive current (DC)
.
.
50
70
100
mA
Heaters
Cathode heater voltage .... 5.8
6.8
7.0
V
Reservoir heater voltage .... 5.8
6.8
7.0
V
CHARACTERISTICS
Anode delay time
(see note 18) ....... –
30
75
ns
Rate of rise of anode current
(see notes 18 and 19) .... –
100
kA/
ms
Time jitter (see note 20) .... –
51.0
2.0
ns
NOTES
1. The reservoir heater supply must be obtained either from
the cathode heater supply or if a separate supply is used it
must be decoupled to avoid damage to the reservoir.
2. The tube must be mounted by means of its mounting
flange.
3. The maximum permissible peak forward voltage for
instantaneous starting is 16 kV and there must be no
overshoot.
4. The peak inverse voltage including spike must not exceed
5.0 kV for the first 25
ms after the anode pulse.
5. For single-shot or burst mode applications this parameter
can exceed 100 kA/
ms. The ultimate value which can be
attained depends to a large extent upon the external
circuit.
6. This rate of rise refers to that part of the leading edge of
the pulse between 25% and 75% of the pulse amplitude.
7. Measured with respect to cathode. When grid 1 is pulse
driven, the last 0.25
ms of the top of the grid 1 pulse must
overlap the corresponding first 0.25
ms of the top of the
delayed grid 2 pulse.
8. The tube may be operated with a loaded grid 2 bias voltage
of 0 to
750 V provided that care is taken to ensure that the
peak grid 1 drive current is sufficiently low to prevent triode
firing (tube control by the grid 1 pulse).
9. When DC priming is used on grid 1, a negative bias of 100
to 200 V must be applied to grid 2 to ensure anode voltage
hold-off. DC priming is especially suitable in crowbar
service.
10. Typical figures are obtained on test using conditions of
minimum grid drive. Improved performance can be
expected by increasing grid drive. Maximum life is obtained
with a grid 1 pre-pulse.
11. DC negative bias voltages must not be applied to grid 1.
When grid 1 is pulse driven, the potential of grid 1 may
vary between
710 and +5 V with respect to cathode
potential during the period between the completion of
recovery and the commencement of the succeeding grid
pulse.
12. To ensure a high standard of ruggedness, all tubes are
subjected to the following tests. After each mechanical test
all the tubes must then satisfy all electrical tests.
(a) Vibration – The tubes are vibrated at 50 Hz with
acceleration of 10 g for one minute in the direction of
the
cathode
axis
and
then
in
one
direction
perpendicular to the cathode axis. See note 2.
(b) Recovery Time – The tubes are tested for recovery at
zero grid 2 bias voltage with a maximum limit of 35
ms.
The tubes are subjected to the following tests on a
sampling basis.
(c) Operation under Vibration – The tubes are vibrated at
10 g in each of three planes at a sweep rate of one
octave per minute from 20 to 500 to 20 Hz, under
normal operating conditions. See note 2.
CX1157, page 2
#
E2V Technologies


Số phần tương tự - CX1157

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
   Hydrogen Thyratron
logo
Keysight Technologies
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
logo
Ledil, Inc.
CX11524 LEDIL-CX11524 Datasheet
1Mb / 4P
   Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
logo
Keysight Technologies
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results

Mô tả tương tự - CX1157

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
7665A ETC1-7665A Datasheet
84Kb / 3P
   Hydrogen-Filled Ceramic Thyratron
CX1599 ETC1-CX1599 Datasheet
96Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
FX2505 ETC1-FX2505 Datasheet
56Kb / 3P
   Hydrogen Thyratron
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
   Hydrogen Thyratron
CX1174 ETC1-CX1174 Datasheet
101Kb / 4P
   Deuterium-Filled Ceramic Thyratron
CX1594 ETC1-CX1594 Datasheet
84Kb / 7P
   Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
NL-716 ETC2-NL-716 Datasheet
420Kb / 2P
   THYRATRON TUBE
FX215 ETC2-FX215 Datasheet
150Kb / 2P
   THYRATRON
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
   Deuterium Thyratron
logo
ams AG
HLS-442 AMSCO-HLS-442 Datasheet
431Kb / 22P
   Automotive Hydrogen Leak Sensor
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com