công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL28023 bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
ISL28023 bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
10 / 55 page ISL28023 FN8389 Rev 5.00 Page 10 of 55 March 18, 2016 CPIN SMBDAT and SMBCLK Pin Capacitance TA = +25°C, f = 1MHz, I2CVCC = 5V, VIN =0V, VOUT = 0V 10 pF fSMBCLK SMBCLK Frequency 400 kHz tIN Pulse Width Suppression Time at SMBDAT and SMBCLK Inputs Any pulse narrower than the max spec is suppressed 50 ns tAA SMBCLK Falling Edge to SMBDAT Output Data Valid SMBCLK falling edge crossing 30% of I2CVCC, until SMBDAT exits the 30% to 70% of I2CVCC window 900 ns tBUF Time the Bus Must be Free Before the Start of a New Transmission SMBDAT crossing 70% of I2CVCC during a STOP condition, to SMBDAT crossing 70% of I2CVCC during the following START condition 1300 ns tLOW Clock LOW Time Measured at the 30% of I2CVCC crossing 1300 ns tHIGH Clock HIGH Time Measured at the 70% of I2CVCC crossing 600 ns tSU:STA START Condition Setup Time SMBCLK rising edge to SMBDAT falling edge. Both crossing 70% of I2CVCC 600 ns tHD:STA START Condition Hold Time From SMBDAT falling edge crossing 30% of I2CVCC to SMBCLK falling edge crossing 70% of I2CVCC 600 ns tSU:DAT Input Data Setup Time From SMBDAT exiting the 30% to 70% of VCC window, to SMBCLK rising edge crossing 30% of I2CVCC 100 ns tHD:DAT Input Data Hold Time From SMBCLK falling edge crossing 30% of I2CVCC to SMBDAT entering the 30% to 70% of I2CVCC window 20 900 ns tSU:STO STOP Condition Setup Time From SMBCLK rising edge crossing 70% of I2CVCC, to SMBDAT rising edge crossing 30% of I2CVCC 600 ns tHD:STO STOP Condition Hold Time From SMBDAT rising edge to SMBCLK falling edge. Both crossing 70% of I2CVCC 600 ns tDH Output Data Hold Time From SMBCLK falling edge crossing 30% of I2CVCC, until SMBDAT enters the 30% to 70% of I2CVCC window 0ns tR SMBDAT and SMBCLK Rise Time From 30% to 70% of I2CVCC 20 + 0.1 x Cb 300 ns tF SMBDAT and SMBCLK Fall Time From 70% to 30% of I2CVCC 20 + 0.1 x Cb 300 ns Cb Capacitive Loading of SMBDAT or SMBCLK Total on-chip and off-chip 10 400 pF RPU SMBDAT and SMBCLK Bus Pull-up Resistor Off-chip Maximum is determined by tR and tF For Cb = 400pF, max is about 2kΩ~2.5kΩ For Cb = 40pF, max is about 15kΩ~20kΩ 1kΩ POWER SUPPLY Vvcc Power Supply Voltage at VCC 3.0 3.3 5.5 V Vi2cvcc Power Supply Voltage at I2CVCC f = DC to 400kHz 1.2 3.3 5.5 V Only ADC in Conversion Mode All other blocks are disabled 690 830 µA Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP-VINM = 80mV, AUXP-AUXM = 80mV, AuxV = 3V, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND PARAMETER DESCRIPTION TEST CONDITIONS MIN (Note 6)TYP MAX (Note 6)UNIT |
Số phần tương tự - ISL28023 |
|
Mô tả tương tự - ISL28023 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |