công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28022FUZ bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện ISL28022FUZ
Giải thích chi tiết về linh kiện  Precision Digital Power Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28022FUZ bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  ISL28022FUZ Datasheet HTML 1Page - Renesas Technology Corp ISL28022FUZ Datasheet HTML 2Page - Renesas Technology Corp ISL28022FUZ Datasheet HTML 3Page - Renesas Technology Corp ISL28022FUZ Datasheet HTML 4Page - Renesas Technology Corp ISL28022FUZ Datasheet HTML 5Page - Renesas Technology Corp ISL28022FUZ Datasheet HTML 6Page - Renesas Technology Corp ISL28022FUZ Datasheet HTML 7Page - Renesas Technology Corp ISL28022FUZ Datasheet HTML 8Page - Renesas Technology Corp ISL28022FUZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ISL28022
FN8386 Rev 8.00
Page 5 of 32
February 4, 2016
TABLE 1. DPM PORTFOLIO COMPARISON - ISL28022 vs ISL28023 vs ISL28025
DESCRIPTION
BASIC DIGITAL
POWER MONITOR
FULL FEATURE
DIGITAL POWER MONITOR
DIGITAL POWER MONITOR
IN TINY PACKAGE
PART NUMBER
ISL28022
ISL28023
ISL28025
PACKAGE
MSOP10, QFN16
QFN24
WLCSP-16
Temperature Range
-40°C to +125°C
-40°C to +125°C
-40°C to +125°C
0V to 60V Input Range
0V to 60V
Opt 1: 0V to 60V
Opt 2: 0V to 16V
Opt 1: 0V to 60V
Opt 2: 0V to 16V
ADC
16-bit
16-bit
16-bit
+25°C Gain Error
0.30%
0.25%
0.25%
Current Measure LSB Step
10µV
2.5µV
2.5µV
+25°C Offset
75µV
30µV
30µV
Primary
Differential Shunt Input
X
X
X
Channel
Independent Bus Voltage
X
X
X
LV Aux
Differential Shunt Input
X
Channel
Independent Bus Voltage
X
X
VBus LSB Step
Low Voltage Bus
0.25mV
0.25mV
High Voltage Bus
4mV
1mV/0.25mV
1mV/0.25mV
External Temperature Sensor Input
X
HV Internal Regulator (3.3VOUT)X
X
Fast OC/OV/UV Alert Outputs
2 Outputs
2 Outputs
Margin DAC
X
Internal Temperature Sensor
X
X
User Select Conversion Mode/Sample Rate
X
X
X
Peak Min/Max Current Registers
X
X
Slave Address Locations
16 Addresses
55 Addresses
55 Addresses
I2C Level Translators
XX
PMBus
XX
I2C/SMBus
X
X
X
High Speed (3.4MHz) I2C Mode
X
X
X
External Clock Input
X
X
X
Power Shutdown Mode
X
X
X


Số phần tương tự - ISL28022FUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28022FUZ-T7AR5453 INTERSIL-ISL28022FUZ-T7AR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ-TR5453 INTERSIL-ISL28022FUZ-TR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZR5453 INTERSIL-ISL28022FUZR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
More results

Mô tả tương tự - ISL28022FUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com