công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL26313FBZ bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện ISL26313FBZ
Giải thích chi tiết về linh kiện  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26313FBZ bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  ISL26313FBZ Datasheet HTML 1Page - Renesas Technology Corp ISL26313FBZ Datasheet HTML 2Page - Renesas Technology Corp ISL26313FBZ Datasheet HTML 3Page - Renesas Technology Corp ISL26313FBZ Datasheet HTML 4Page - Renesas Technology Corp ISL26313FBZ Datasheet HTML 5Page - Renesas Technology Corp ISL26313FBZ Datasheet HTML 6Page - Renesas Technology Corp ISL26313FBZ Datasheet HTML 7Page - Renesas Technology Corp ISL26313FBZ Datasheet HTML 8Page - Renesas Technology Corp ISL26313FBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 3 of 23
August 18, 2015
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
DESCRIPTION
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG
DWG #
RESOLUTION
(Bits)
SPEED
(kHz)
INPUT
(SE/DIFF)
INPUT
CHANNEL
S
ISL26310FBZ (No longer available,
recommended replacement: ISL26320FBZ)
26310 FBZ
12
125
Diff
1
-40 to +125
8 Ld SOIC
M8.15
ISL26311FBZ (No longer available,
recommended replacement: ISL26321FBZ)
26311 FBZ
12
125
SE
1
-40 to +125
8 Ld SOIC
M8.15
ISL26312FVZ
26312 FVZ
12
125
Diff
2
-40 to +125
16 Ld TSSOP
M16.173
ISL26313FBZ
26313 FBZ
12
125
SE
2
-40 to +125
8 Ld SOIC
M8.15
ISL26314FVZ
26314 FVZ
12
125
Diff
4
-40 to +125
16 Ld TSSOP
M16.173
ISL26315FVZ
26315 FVZ
12
125
SE
4
-40 to +125
16 Ld TSSOP
M16.173
ISL26319FVZ
26319 FVZ
12
125
SE
8
-40 to +125
16 Ld TSSOP
M16.173
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315,
ISL26319. For more information on MSL please see techbrief TB363.


Số phần tương tự - ISL26313FBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL26313FBZ INTERSIL-ISL26313FBZ Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26313FBZ INTERSIL-ISL26313FBZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Mô tả tương tự - ISL26313FBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26320 INTERSIL-ISL26320 Datasheet
1Mb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com