công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL26320 bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện ISL26320
Giải thích chi tiết về linh kiện  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26320 bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button ISL26320 Datasheet HTML 2Page - Renesas Technology Corp ISL26320 Datasheet HTML 3Page - Renesas Technology Corp ISL26320 Datasheet HTML 4Page - Renesas Technology Corp ISL26320 Datasheet HTML 5Page - Renesas Technology Corp ISL26320 Datasheet HTML 6Page - Renesas Technology Corp ISL26320 Datasheet HTML 7Page - Renesas Technology Corp ISL26320 Datasheet HTML 8Page - Renesas Technology Corp ISL26320 Datasheet HTML 9Page - Renesas Technology Corp ISL26320 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 6 of 23
August 18, 2015
Absolute Maximum Ratings
Thermal Information
AIN+, AIN-, VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3 to VDD + 0.3V
Digital Inputs. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3 to VDD + 0.3V
VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6V
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3 to + 0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . . . . . . . .5000V
Machine Model (Per JESD22-A115). . . . . . . . . . . . . . . . . . . . . . . . . . 350V
Charged Device Model (Per JESD22-C101) . . . . . . . . . . . . . . . . . . . . . . 2000V
Latch-up (Tested per JESD-78B; Class 2, Level A). . . . . . . . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld SOIC (Notes 4, 5) . . . . . . . . . . . . . . . . .
98
48
16 Ld TSSOP (Notes 4, 5) . . . . . . . . . . . . . .
92
29
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mW
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.7V to +5.25V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications VREF = VDD V, VDD = 2.7V to 5V, VCM = VDD/2, SCLK = 20MHz and TA = -40°C to +125°C (typical performance
at +25°C), unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST LEVEL OR NOTES
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
ANALOG INPUTS
Number of Input Channels
ISL26310, ISL26311
1
ISL26312, ISL26313
2
ISL26314, ISL26315
4
ISL26319
8
Input Voltage Range
Differential Inputs (AINX+ - AINX-) is
-VREF (Min) and +VREF (Max)
0VREF
V
AINX, Single-Ended Inputs
0VREF
V
Common Mode Input Voltage Range
Differential Inputs
VREF/2 – 0.2
VREF/2
VREF/2 + 0.2
V
Average Input Current
2.5
µA
CIN
Input Capacitance
4pF
Channel-Channel Crosstalk
fIN = 50kHz
VIN = FS, other channels = 0V
-86
dB
VOLTAGE REFERENCE
VREFEX External Reference Input Voltage Range
2
2.5
VDD
V
IREFIN
Average Input Current
100
120
µA
CREFIN
Effective Input Capacitance
10
pF
DC ACCURACY
Resolution (No Missing Codes)
12
Bits
DNL
Differential Nonlinearity Error
-0.7
+0.7
LSB
INL
Integral Nonlinearity Error
-0.7
+0.7
LSB
Gain Error
-6
6
LSB
Gain Error Matching
-2
2
LSB
Offset Error
-6
6
LSB
Offset Error Matching
-2
2
LSB


Số phần tương tự - ISL26320

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL26320 INTERSIL-ISL26320 Datasheet
1Mb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320 INTERSIL-ISL26320 Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
More results

Mô tả tương tự - ISL26320

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26320 INTERSIL-ISL26320 Datasheet
1Mb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com