công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL26312 bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện ISL26312
Giải thích chi tiết về linh kiện  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26312 bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button ISL26312 Datasheet HTML 7Page - Renesas Technology Corp ISL26312 Datasheet HTML 8Page - Renesas Technology Corp ISL26312 Datasheet HTML 9Page - Renesas Technology Corp ISL26312 Datasheet HTML 10Page - Renesas Technology Corp ISL26312 Datasheet HTML 11Page - Renesas Technology Corp ISL26312 Datasheet HTML 12Page - Renesas Technology Corp ISL26312 Datasheet HTML 13Page - Renesas Technology Corp ISL26312 Datasheet HTML 14Page - Renesas Technology Corp ISL26312 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 11 of 23
August 18, 2015
FIGURE 15. SNR AND SINAD vs INPUT FREQUENCY
FIGURE 16. THD vs INPUT FREQUENCY
FIGURE 17. SINGLE-TONE FFT
FIGURE 18. SHORTED INPUT HISTOGRAM
Typical Performance Characteristics
TA = +25°C, VDD = 5V, VREF = 5V, fSAMPLE = 125kHz, fSCLK = 20MHz, unless otherwise specified. (Continued)
55
60
65
70
75
100
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
SNR
SINAD
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
0
10
203040
50
60
70
FREQUENCY (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
SNR: 72.93dB
SINAD: 72.71dB
THD: -85.84dB
SFDR: 96.16dBc
ENOB: 11.79
0
10,000
20,000
30,000
40,000
50,000
60,000
70,000
-3
-2
-1
0
1
2
3
CODE
65,536
CODES
0
CODES
0
CODES


Số phần tương tự - ISL26312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL26312 INTERSIL-ISL26312 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26312 RENESAS-ISL26312 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26312FVZ INTERSIL-ISL26312FVZ Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26312FVZ INTERSIL-ISL26312FVZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Mô tả tương tự - ISL26312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26320 INTERSIL-ISL26320 Datasheet
1Mb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com