công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL1801EVAL1ZA bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp |
|
ISL1801EVAL1ZA bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp |
11 / 30 page ISL1801 FN8259 Rev 1.00 Page 11 of 30 July 24, 2014 Dual High-Speed Comparator Electrical Specifications TA = +25°C, VR1 = 10V, VR2 = 3.3V. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Notes 6, 7) SYMBOL PARAMETER TEST CONDITIONS MIN (Note 7) TYP (Note 6) MAX (Note 7)UNITS Input Offset Voltage -5.5 0 5.5 mV Input Bias Current ±1 pA Input Offset Current ±1 pA VCM_min Minimum Common-Mode Voltage -0.2 V VCM_max Maximum Common-Mode Voltage 3.3 V CMRR Common-Mode Rejection Ratio VCM = -0.2V to VOUT2 62 dB Input Common-Mode Capacitance 2 pF Input Differential Capacitance 4 pF Output High Voltage IOUT = -0.3mA; VDDREF Tied to 3.3V VOUT2 2.7 3 V Output Low Voltage IOUT = 0.3mA 175 300 mV Short Circuit Current 1mA SWITCHING SPECIFICATIONS Low-to-High Propagation Delay Time Input overdrive = 100mV 0.55 µs High-to-low Propagation Delay Time Input overdrive = 100mV 0.2 µs CMP1 Rise Time CL = 10pF, CMP1+ toggled from 0V to 1V 5 100 550 ns CMP1 Fall Time CL = 10pF, CMP1+ toggled from 1V to 0V 5 100 550 ns LATCHRPT (OPEN DRAIN OUTPUT) LATCHRPT One-Shot Pulse Width Under pulse by pulse OC condition, LATCHRPT pulled low for one-shot period of each OC cycle 1.1 2.5 µs LATCHRPT Leakage Current VPULLUP = 3.3V 1 µA LATCHRPT Voltage Low ILATCHRPT = 4mA 0.5 V Preload Electrical Specifications TA = +25°C,VR1 =10V,VR2= 3.3V. Boldface limitsapplyovertheoperating temperaturerange, -40°C to +85°C. (Notes 6, 7) SYMBOL PARAMETER TEST CONDITIONS MIN (Note 7 TYP (Note 6) MAX (Note 7)UNITS POWER MOSFET rDS(ON) Switch 1 ON ON-Resistance Pull-up to VCC1 = 10V through 100Ω resistor (Note 8) 242 350 472 Ω rDS(ON) Switch 2 ON ON-Resistance Pull-up to VCC1 = 10V through 100Ω resistor (Note 8) 90 120 165 Ω rDS(ON) Switch 3 ON ON-Resistance Pull-up to VCC1 = 10V through 100Ω resistor (Note 8) 40 56 76 Ω rDS(ON) Switch 4 ON ON-Resistance Pull-up to VCC1 = 10V through 100Ω resistor (Note 8) 8.7 11.4 14.8 Ω NOTES: 6. Compliance to datasheet values is assured by one or more methods: production test, characterization and/or design. 7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. 8. Not production tested. |
Số phần tương tự - ISL1801EVAL1ZA |
|
Mô tả tương tự - ISL1801EVAL1ZA |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |