công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3338AEZ bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện CA3338AEZ
Giải thích chi tiết về linh kiện  CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3338AEZ bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button CA3338AEZ Datasheet HTML 2Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 3Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 4Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 5Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 6Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 7Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 8Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 9Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FN1850 Rev 4.00
Page 10 of 10
July 2004
CA3338, CA3338A
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1997-2004. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above
the seating plane, shall not exceed a maximum value of 0.61mm (0.024
inch)
10. Controlling dimension: MILLIMETER. Converted inch dimensions are
not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
µ
0.25(0.010)
B
M
M
M16.3 (JEDEC MS-013-AA ISSUE C)
16 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0926
0.1043
2.35
2.65
-
A1
0.0040
0.0118
0.10
0.30
-
B
0.013
0.0200
0.33
0.51
9
C
0.0091
0.0125
0.23
0.32
-
D
0.3977
0.4133
10.10
10.50
3
E
0.2914
0.2992
7.40
7.60
4
e
0.050 BSC
1.27 BSC
-
H
0.394
0.419
10.00
10.65
-
h
0.010
0.029
0.25
0.75
5
L
0.016
0.050
0.40
1.27
6
N16
16
7
0o
8o
0o
8o
-
Rev. 0 12/93


Số phần tương tự - CA3338AEZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3338AEZ INTERSIL-CA3338AEZ Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
More results

Mô tả tương tự - CA3338AEZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
CA3338 INTERSIL-CA3338_04 Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com