công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3338AEZ bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện CA3338AEZ
Giải thích chi tiết về linh kiện  CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3338AEZ bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

Back Button CA3338AEZ Datasheet HTML 2Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 3Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 4Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 5Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 6Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 7Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 8Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 9Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CA3338, CA3338A
FN1850 Rev 4.00
Page 8 of 10
July 2004
Applications
The output of the CA3338 can be resistively divided to match a
doubly terminated 50
 or 75 line, although peak-to-peak swings
of less than 1V may result. The output magnitude will also vary
with the converter’s output impedance. Figure 5 shows such an
application. Note that because of the HCT input structure, the
CA3338 could be operated up to +7.5V VDD and VREF+ supplies
and still accept 0V to 5V CMOS input voltages.
If larger voltage swings or better accuracy is desired, a high
speed output buffer, such as the HA-5033, HA-2542, or
CA3450, can be employed. Figure 6 shows a typical
application, with the output capable of driving
2V into multiple
50
terminated lines.
Operating and Handling Considerations
HANDLING
All inputs and outputs of CMOS devices have a network for
electrostatic protection during handling. Recommended
handling practices for CMOS devices are described in
AN6525. “Guide to Better Handling and Operation of CMOS
Integrated Circuits.”
OPERATING
OPERATING VOLTAGE
During operation near the maximum supply voltage limit, care
should be taken to avoid or suppress power supply turn-on and
turn-off transients, power supply ripple, or ground noise; any of
these conditions must not cause the absolute maximum ratings
to be exceeded.
INPUT SIGNALS
To prevent damage to the input protection circuit, input signals
should never be greater than VDD nor less than VSS. Input
currents must not exceed 20mA even when the power supply
is off.
UNUSED INPUTS
A connection must be provided at every input terminal. All
unused input terminals must be connected to either VCC or
GND, whichever is appropriate.
TABLE 1. OUTPUT VOLTAGE vs INPUT CODE AND VREF
VREF+
VREF-
STEP SIZE
5.12V
0
0.0200V
5.00V
0
0.0195V
4.608V
0
0.0180V
2.56V
-2.56V
0.0200V
2.50V
-2.50V
0.0195V
Input Code
111111112=FFHEX1
11111102=FEHEX
5.1000V
5.0800
4.9805V
4.9610
4.5900V
4.5720
2.5400V
2.5200
2.4805V
2.4610
100000012=81HEX
100000002=80HEX
011111112=7FHEX
2.5800
2.5600
2.5400
2.5195
2.5000
2.4805
2.3220
2.3040
2.2860
0.0200
0.0000
- 0.0200
0.0195
0.0000
-0.0195
000000012=01HEX
000000002=00HEX
0.0200
0.0000
0.0195
0.0000
0.0180
0.0000
-2.5400
-2.5600
-2.4805
-2.5000


Số phần tương tự - CA3338AEZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3338AEZ INTERSIL-CA3338AEZ Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
More results

Mô tả tương tự - CA3338AEZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
CA3338 INTERSIL-CA3338_04 Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com