công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBL604G bảng dữ liệu(PDF) 1 Page - GeneSiC Semiconductor, Inc.

tên linh kiện KBL604G
Giải thích chi tiết về linh kiện  Single Phase Glass Passivated Silicon Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENESIC [GeneSiC Semiconductor, Inc.]
Trang chủ  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

KBL604G bảng dữ liệu(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  KBL604G Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. KBL604G Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. KBL604G Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 6 A
Features
• Ideal for printed circuit board
KBL Package
• Not ESD Sensitive
Mechanical Data
Case: Molded plastic
Polarity: Marked on body
Weight: 0.167 ounce, 5 grams
Mounting position: Any
• Reliable low cost construction utilizing molded plastic
technique
Single Phase Glass Passivated
Silicon Bridge Rectifier
KBL601G thru KBL604G
Mi
ti
t T
25 °C
l
th
i
ifi d
• High surge current capability
• Types from 50 V to 400 V VRRM
Terminals: Plated terminals, solderable per MIL-STD-
202F, Method 208
Parameter
Symbol
KBL601G
KBL602G
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBL601G
KBL602G
Unit
Maximum average forward
rectified current
IO
66
A
Peak forward surge current
IFSM
180
180
A
Maximum instantaneous
forward voltage per leg
1.1
1.1
55
100
100
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Ta = 50 °C
66
single sine-wave
180
180
100
Maximum reverse current at
rated DC blocking voltage per
leg
IR
VF
V
Electrical characteristics at Tj = 25 °C, unless otherwise specified
Conditions
400
280
400
200
Ta = 25 °C
IF = 6 A
Conditions
KBL604G
200
140
KBL603G
-55 to 150
Maximum ratings at Tj = 25 °C, unless otherwise specified
-55 to 150
-55 to 150
μA
-55 to 150
KBL604G
55
KBL603G
Ta = 125 °C
1.1
1.1
100
Apr 2016
Latest version of this datasheet at: www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


Số phần tương tự - KBL604G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
KBL604G TSC-KBL604G Datasheet
146Kb / 2P
   Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
KBL604G SECOS-KBL604G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
logo
GeneSiC Semiconductor, ...
KBL604G GENESIC-KBL604G Datasheet
311Kb / 3P
   Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
KBL604G TSC-KBL604G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
KBL604G TSC-KBL604G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Mô tả tương tự - KBL604G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU15A GENESIC-GBU15A Datasheet
350Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ406G GENESIC-KBJ406G Datasheet
326Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS101 RECTRON-RS101_05 Datasheet
30Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
DF005 SEMTECH_ELEC-DF005 Datasheet
464Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB101 SEMTECH_ELEC-DB101 Datasheet
309Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB151 SEMTECH_ELEC-DB151 Datasheet
336Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBJ6J GENESIC-GBJ6J_18 Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com