công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FM0V473ZF bảng dữ liệu(PDF) 1 Page - Kemet Corporation

tên linh kiện FM0V473ZF
Giải thích chi tiết về linh kiện  Supercapacitors, Radial Molded, Commercial Grade, FM, 0.047 F, -20/80%, 3.5 V, Wire Leads, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FM0V473ZF bảng dữ liệu(HTML) 1 Page - Kemet Corporation

  FM0V473ZF Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/07/2017 - 747645c9-6ab3-4571-933a-c0d0fe291193
KEMET Part Number: FM0V473ZF
(USCFM00V473Z00)
Supercapacitors, Radial Molded, Commercial Grade, FM, 0.047 F, -20/+80%, 3.5 V, Wire Leads, Lead Spacing = 5mm
G
S
LT1
H
LL
W
T
LT2
+
Polarity
Indicator
Bottom View
Side
View
Front View
Dimensions
W
10.5mm +/-0.5mm
H
11.5mm +/-0.5mm
T
5mm +/-0.5mm
S
5mm +/-0.5mm
LL
5mm +/-1mm
G
0.4mm +/-0.1mm
Packaging Specifications
Lead: Wire Leads
Packaging: Bulk
General Information
Series: FM
Description: Radial Molded Double Layer
Capacitor
RoHS: Yes
Miscellaneous: DischargeValue = 0.06 F
Specifications
Capacitance: 0.047 F
Capacitance Tolerance: -20/+80%
Voltage DC: 3.5 VDC
Temperature Range: -25/+70C
Rated Temperature: 70C
Resistance: 200000 mOhms (1kHz)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Số phần tương tự - FM0V473ZF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
FM0V473ZF NEC-FM0V473ZF Datasheet
476Kb / 39P
   Super Capacitors
FM0V473ZFTP NEC-FM0V473ZFTP Datasheet
476Kb / 39P
   Super Capacitors
More results

Mô tả tương tự - FM0V473ZF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
FM0H473ZF KEMET-FM0H473ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FM, 0.047 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FM0V224ZF KEMET-FM0V224ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FM, 0.22 F, -20/80%, 3.5 V, Wire Leads, Lead Spacing = 5mm
FMR0V104ZF KEMET-FMR0V104ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FMR, 0.1 F, -20/80%, 3.5 V, Wire Leads, Lead Spacing = 5mm
FM0H224ZF KEMET-FM0H224ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FM, 0.22 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FM0H223ZF KEMET-FM0H223ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FM, 0.022 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FME0H223ZF KEMET-FME0H223ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FME, 0.022 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FMR0H104ZF KEMET-FMR0H104ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FMR, 0.1 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FG0H473ZF KEMET-FG0H473ZF Datasheet
53Kb / 1P
   FG, Supercapacitors, Radial Pin, Commercial Grade, 0.047 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FE0H473ZF KEMET-FE0H473ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FE, 0.047 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.1mm
FS0H473ZF KEMET-FS0H473ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FS, 0.047 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com