công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28025FI12Z-T7A bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện ISL28025FI12Z-T7A
Giải thích chi tiết về linh kiện  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025FI12Z-T7A bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button ISL28025FI12Z-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 9Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 10Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 11Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 12Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
ISL28025
FN8388 Rev.6.00
Page 9 of 53
Feb 27, 2018
THRESHOLD DETECTORS
Overvoltage (OV) VBUS Threshold Voltage
Range
Vbus_Thres_Rng[2:0] = ALL
25
125
% of FS
Overvoltage (OV) VBUS Threshold DAC
Step Size
Vbus_Thres_Rng[2:0] = ALL
1.56
% of FS
Undervoltage (UV) VBUS Threshold Voltage
Range
Vbus_Thres_Rng[2:0] = ALL
0
100
% of FS
Undervoltage (UV) VBUS Threshold DAC
Step Size
Vbus_Thres_Rng[2:0] = ALL
1.56
% of FS
VBUS Threshold Detector Full-Scale
Settings
ISL28025FI60Z
Vbus_Thres_Rng[2:0] = 0; OT_SEL = 0
48
V
Vbus_Thres_Rng[2:0] = 1; OT_SEL = 0
24
V
Vbus_Thres_Rng[2:0] = 2; OT_SEL = 0
12
V
Vbus_Thres_Rng[2:0] = 3; OT_SEL = 0
5
V
Vbus_Thres_Rng[2:0] = 4; OT_SEL = 0
3.3
V
Vbus_Thres_Rng[2:0] = 5; OT_SEL = 0
2.5
V
VBUS Threshold Detector Full-Scale
Settings
ISL28025FI12Z, ISL28025FR12Z
Vbus_Thres_Rng[2:0] = 0; OT_SEL = 0
12
V
Vbus_Thres_Rng[2:0] = 1; OT_SEL = 0
6
V
Vbus_Thres_Rng[2:0] = 2; OT_SEL = 0
3
V
Vbus_Thres_Rng[2:0] = 3; OT_SEL = 0
2.5
V
Vbus_Thres_Rng[2:0] = 4; OT_SEL = 0
0.825
V
Vbus_Thres_Rng[2:0] = 5; OT_SEL = 0
0.625
V
Over-Temperature Threshold Detector
Range
OT_SEL = 1
-40
135
°C
Over-Temperature Threshold Detector
Resolution Error
±5
°C
Overcurrent (OC) VSHUNT Threshold
Voltage Range
OCRNG = ALL
25
125
% of FS
Overcurrent (OC) VSHUNT Threshold DAC
Step Size
OCRNG = ALL
1.56
% of FS
VSHUNT Threshold Detector Full-Scale
Settings
OCRNG = 0
80
mV
OCRNG = 1
40
mV
MARGINING DAC, ANALOG OUTPUT (20 Pin QFN)
Resolution
8Bits
DNL
±1
LSB
INL
MDAC[7:0] = 0 to 256
±3
LSB
Gain Error
DAC_MS[2:0] = 0
±2.5
%
Offset Error
DAC_MS[2:0] = 0
±2
mV
Output Voltage
0.055
2*Vms
V
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP - VINM = 80mV, Aux V = 3V, Conversion
Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND pin. Temperature limits
established by characterization. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT


Số phần tương tự - ISL28025FI12Z-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28025FI12Z-T7A INTERSIL-ISL28025FI12Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

Mô tả tương tự - ISL28025FI12Z-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com