công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28025FI12Z-T7A bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện ISL28025FI12Z-T7A
Giải thích chi tiết về linh kiện  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025FI12Z-T7A bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

Back Button ISL28025FI12Z-T7A Datasheet HTML 3Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 4Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 9Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 10Page - Renesas Technology Corp ISL28025FI12Z-T7A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
ISL28025
FN8388 Rev.6.00
Page 7 of 53
Feb 27, 2018
Absolute Maximum Ratings
Thermal Information
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.0V
I2C_VCC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.0V
VBUS (ISL28025FI60), REG_IN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63V
VBUS (ISL28025FI12, ISL28025FR12) . . . . . . . . . . . . . . . . . . . . . . 16.684V
Common-Mode Input Voltage (VINP, VINM). . . . . . . . . . . . . . . . . . . . . . . 63V
Differential Input Voltage (VINP, VINM) . . . . . . . . . . . . . . . . . . . . . . . . . ±63V
AUXV. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC - GND
Input Voltage (Digital Pins) . . . . . . . . . . . . . . . (GND - 0.3) to I2CVCC + 0.3V
Output Voltage (Digital Pins) . . . . . . . . . . . . . . (GND - 0.3) to I2CVCC + 0.3V
Output Current (VREG_OUT, DAC_OUT (20 Pin QFN)). . . . . . . . . . . . . 10mA
Open Drain Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Open Drain Voltage (SMBALERT1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Latch-Up. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±100mA (at +125°C)
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
16 Ball WLCSP (Notes 5, 6). . . . . . . . . . . . . . .
80
1
20 lead QFN 4x4 (1.85SQmm EPAD)
 (Notes 5, 6)40
2.5
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
JC, the “case temp” location is taken at the package top center. or bottom thermal pad/PCB though hole array.
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP - VINM = 80mV, Aux V = 3V, Conversion
Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND pin. Temperature limits
established by characterization.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT
PRIMARY CHANNEL
VSHUNT Measurement Range
(VINP to VINM)
VSHUNT
0±81.91
mV
1LSB Step Shunt Voltage
Step_shunt
2.5
µV
VSHUNT Offset Voltage
Vshunt_vos
±2.5
±50
µV
VSHUNT Offset Voltage vs Temperature
Vshunt_TC
T = -40°C to +125°C
±0.04
±0.3
µV/°C
VSHUNT Vos vs Common-Mode
Vshunt_CMRR ISL28025FI60Z
VBUS = 0V to 60V
±0.2
±2
µV/V
ISL28025FI12Z, ISL28025FR12Z
VBUS = 0V to 16.384V
±0.2
±2
µV/V
VSHUNT Vos vs Power Supply
Vshunt_PSRR VCC = ±10% of VCC nominal
±0.45
µV/V
VIN Input Leakage Current
Ivin
VIN = VSHUNT input path selected, OC
detector disabled
15
20
µA
VIN = VSHUNT input path selected, OC
detector enabled
30
40
µA
VIN = VSHUNT input path disabled, OC
detector disabled
0.05
0.1
µA
Usable Bus Voltage Measurement Range VBUS
ISL28025FI60Z
0
60
V
ISL28025FI12Z, ISL28025FR12Z
0
16.384
V
1LSB Step Bus Voltage
Step_Vbus
ISL28025FI60Z
1
mV
ISL28025FI12Z, ISL28025FR12Z
0.25
mV


Số phần tương tự - ISL28025FI12Z-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28025FI12Z-T7A INTERSIL-ISL28025FI12Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

Mô tả tương tự - ISL28025FI12Z-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com