công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28025FR12Z-T bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện ISL28025FR12Z-T
Giải thích chi tiết về linh kiện  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025FR12Z-T bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  ISL28025FR12Z-T Datasheet HTML 1Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 2Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 3Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 4Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 5Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 6Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 7Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 8Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
ISL28025
FN8388 Rev.6.00
Page 5 of 53
Feb 27, 2018
Pin Descriptions 20 Lead QFN 4x4 (1.85SQmm EPAD)
PIN NUMBER
PIN NAME
TYPE/DIR
PIN DEFINITION
1
VBUS
Power
VBUS voltage sense
2GND
Power
Ground
3
AUXV
Analog Input
Auxiliary port single-ended input
4
DAC_OUT
Analog Output
DAC voltage output
5NC
Float
No Connection
6
SMBCLK
Digital Input
SMBus/I2C clock input
7
SMBDAT
Digital Input/Output SMBus/I2C data
8NC
Float
No Connection
9
SMBALERT1
Digital Output
SMBus Alert1, open-drain output
10
SMBALERT2
Digital Output
CPU interrupt signal
11
GND
Power
Ground
12
A0
Digital Input
SMBus/I2C address input
13
A1
Digital Input
SMBus/I2C address input
14
A2
Digital Input
SMBus/I2C address input
15
I2CVCC
Power
I2C level shifter power supply. Connect this pin to the VCC pin if a level shifter is not used
16
VCC
Power
Chip power supply
17
VREG_OUT
Power
Voltage regulator output. Connect a proper decoupling capacitor to this pin
18
VINM
Analog Input
Current sense minus input
19
VINP
Analog Input
Current sense plus input
20
VREG_IN
Power
Voltage regulator input. Connect this pin to ground if a voltage regulator is not used
EPAD
NEG
SUBSTRATE
GND or most negative voltage


Số phần tương tự - ISL28025FR12Z-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28025FI12Z-T INTERSIL-ISL28025FI12Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI12Z-T7A INTERSIL-ISL28025FI12Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI60Z-T INTERSIL-ISL28025FI60Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI60Z-T7A INTERSIL-ISL28025FI60Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

Mô tả tương tự - ISL28025FR12Z-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com