công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21080CIH350Z-TK bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện ISL21080CIH350Z-TK
Giải thích chi tiết về linh kiện  300nA NanoPower Voltage References
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21080CIH350Z-TK bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  ISL21080CIH350Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FN6934 Rev. 6.00
Page 1 of 21
Mar 26, 2018
FN6934
Rev. 6.00
Mar 26, 2018
ISL21080
300nA NanoPower Voltage References
DATASHEET
The ISL21080 analog voltage references feature low supply
voltage operation at ultra-low 310nA typical, 1.5µA maximum
operating current. Additionally, the ISL21080 family features
guaranteed initial accuracy as low as ±0.2% and 50ppm/°C
temperature coefficient.
These references are ideal for general purpose portable
applications to extend battery life at lower cost. The ISL21080
is provided in the industry standard 3 Ld SOT-23 pinout.
The ISL21080 output voltages can be used as precision
voltage sources for voltage monitors, control loops, standby
voltages for low power states for DSP, FPGA, Datapath
Controllers, microcontrollers, and other core voltages: 0.9V,
1.024V, 1.25V, 1.5V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V, and
5.0V.
Special Note: Post-assembly X-ray inspection may lead to permanent
changes in device output voltage and should be minimized or
avoided. For further information, please see “Applications
Information” on page 15 and AN1533, “X-Ray Effects on Intersil FGA
References”.
Applications
• Energy harvesting applications
• Wireless sensor network applications
• Low power voltage sources for controllers, FPGA, ASICs, or
logic devices
• Battery management/monitoring
• Low power standby voltages
•Portable Instrumentation
• Consumer/medical electronics
• Wearable electronics
• Lower cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply
Features
• Reference output voltage . . . . . . . . 0.900V, 1.024V, 1.250V,
1.500V, 2.048V, 2.500V, 3.000V, 3.300V, 4.096V, 5.000V
• Initial accuracy:
- ISL21080-09 and -10 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.7%
- ISL21080-12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.6%
- ISL21080-15 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.5%
- ISL21080-20 and -25 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3%
- ISL21080-30, -33, -41, and -50 . . . . . . . . . . . . . . . . . ±0.2%
• Input voltage range:
- ISL21080-09 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0V to 5.5V
- ISL21080-10, -12, -15, -20 and -25. . . . . . . . . 2.7V to 5.5V
- ISL21080-30 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL21080-33 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
- ISL21080-41. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 8.0V
- ISL21080-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V to 8.0V
• Output voltage noise . . . . . . . . . . . . .30µVP-P (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5µA (max)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . . ±7mA
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)
Related Literature
For a full list of related documents, visit our website
- ISL21080 family product page
FIGURE 1. IIN vs VIN, 3 UNITS
0
100
200
300
400
500
VIN (V)
UNIT 1
UNIT 3
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
UNIT 2


Số phần tương tự - ISL21080CIH350Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21080CIH350Z-TK INTERSIL-ISL21080CIH350Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH350Z-TK INTERSIL-ISL21080CIH350Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080CIH350Z-TK INTERSIL-ISL21080CIH350Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
More results

Mô tả tương tự - ISL21080CIH350Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com