công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28025 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện ISL28025
Giải thích chi tiết về linh kiện  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  ISL28025 Datasheet HTML 1Page - Renesas Technology Corp ISL28025 Datasheet HTML 2Page - Renesas Technology Corp ISL28025 Datasheet HTML 3Page - Renesas Technology Corp ISL28025 Datasheet HTML 4Page - Renesas Technology Corp ISL28025 Datasheet HTML 5Page - Renesas Technology Corp ISL28025 Datasheet HTML 6Page - Renesas Technology Corp ISL28025 Datasheet HTML 7Page - Renesas Technology Corp ISL28025 Datasheet HTML 8Page - Renesas Technology Corp ISL28025 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
FN8388
Rev.6.00
Feb 27, 2018
ISL28025
Precision Digital Power Monitor with Real Time Alerts
DATASHEET
FN8388 Rev.6.00
Page 1 of 53
Feb 27, 2018
The ISL28025 is a bidirectional high-side and low-side digital
current sense and voltage monitor with a serial interface. The
device monitors power supply current and voltage, which
provides the digital results along with calculated power. The
ISL28025 provides tight accuracy of less than 0.1% for both
voltage and current monitoring.
The VCC power can either be externally supplied or internally
regulated, which allows the ISL28025 to handle a
common-mode input voltage range from 0V to 60V. The wide
range permits the device to handle telecom, automotive and
industrial applications with minimal external circuitry.
An 8-bit voltage DAC enable DC/DC converter output voltage
margining (20 Pin QFN) Fault indication includes Bus Voltage
window and over-current fast fault logic indication. The
ISL28025 includes an integrated temperature sensor for
monitoring.
The ISL28025 serial interface is PMBus compatible and
operates down to 1.2V. It draws an average current of just
1.3mA and is available in the space saving 16 ball WLCSP
package. It is also available in a 20 lead QFN 4x4 (1.85SQmm
EPAD) The parts operate across the full industrial temperature
range from -40°C to +125°C.
Related Literature
• For a full list of related documents, visit our website
- ISL28025 product page
Features
• Bus voltage sense range . . . . . . . . . . . . . . . . . . . . . . 0V to 60V
• Voltage gain error. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.05%
• Current gain error. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.05%
• High or low (RTN) side sensing
• Bidirectional current sensing
• Auxiliary low voltage input channel
• ∆∑ADC, 16-bit native resolution
• Programmable averaging modes
• Internal 3.3V regulator
• Internal temperature sense
• Over-voltage/undervoltage and current fault monitoring with
500ns detection delay
• 8-bit voltage output DAC (20 Pin QFN)
•I2C/SMBus/PMBus interface that handles 1.2V supply
• 55 I2C slave addresses
Applications
• Data processing servers
• DC power distribution
• Telecom equipment
• Portable communication equipment
• DC/DC and AC/DC converters
• Automotive power
•Many I2C ADC with alert applications
A1
SCL
SDA
VINP
GND
ADC
16-Bit
A0
ISL28025
VCC
VINM
VBUS
SMBALERT1
A2
GPIO/Int
SDA
SCL
MCU
SMBALERT2
(ECLK WLCSP)
I2CVCC
3.3V
Vreg
AuxV
TEMP
SENSE
PMBus
REG
MAP
FROM 1.8V TO 5.5V
VOUT
FB
ISL9110
3.3V
BUCK/
BOOST
En
PG
GND,
PGND
PVIN
Lo
LX2
LX1
10µF
DAC_OUT
(QFN)
FIGURE 1. TYPICAL APPLICATION CIRCUIT


Số phần tương tự - ISL28025

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025EVAL1Z INTERSIL-ISL28025EVAL1Z Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025EVKIT1Z INTERSIL-ISL28025EVKIT1Z Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI12Z-T INTERSIL-ISL28025FI12Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI12Z-T7A INTERSIL-ISL28025FI12Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

Mô tả tương tự - ISL28025

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com