công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21400 bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện ISL21400
Giải thích chi tiết về linh kiện  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21400 bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  ISL21400 Datasheet HTML 1Page - Renesas Technology Corp ISL21400 Datasheet HTML 2Page - Renesas Technology Corp ISL21400 Datasheet HTML 3Page - Renesas Technology Corp ISL21400 Datasheet HTML 4Page - Renesas Technology Corp ISL21400 Datasheet HTML 5Page - Renesas Technology Corp ISL21400 Datasheet HTML 6Page - Renesas Technology Corp ISL21400 Datasheet HTML 7Page - Renesas Technology Corp ISL21400 Datasheet HTML 8Page - Renesas Technology Corp ISL21400 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL21400
FN8091 Rev 3.00
Page 5 of 17
March 31, 2011
Serial Interface Specification for SCL, SDA, A0, A1, A2 Unless Otherwise Noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
UNITS
ILI
Input Leakage
VIN = GND to VCC
1V
VIL
Input LOW Voltage
-0.3
0.3 x VCC
V
VIH
Input HIGH Voltage
0.7 x VCC
VCC + 0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x VCC
V
VOL
SDA Output Buffer LOW Voltage
IOL = 3mA
0
0.4
V
Cpin
Pin Capacitance
(Note 7)
10
pF
fSCL
SCL Frequency
(Note 7)
400
kHz
tsp
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the
max spec is suppressed
(Note 7)
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing
30% of VCC, until SDA exits
the 30% to 70% of VCC
window (Note 7)
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VCC
during a STOP condition, to
SDA crossing 70% of VCC
during the following START
condition (Note 7)
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC
crossing (Note 7)
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC
crossing (Note 7)
600
ns
tSU:STA
START Condition Set-up Time
SCL rising edge to SDA
falling edge; both crossing
70% of VCC (Note 7)
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VCC to SCL
falling edge crossing 70% of
VCC (Note 7)
600
ns
tSU:DAT
Input Data Set-up Time
From SDA exiting the 30% to
70% of VCC window, to SCL
rising edge crossing 30% of
VCC (Note 7)
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge
crossing 70% of VCC to SDA
entering the 30% to 70% of
VCC window (Note 7)
0ns
tSU:STO
STOP Condition Set-up Time
From SCL rising edge
crossing 70% of VCC, to
SDA rising edge crossing
30% of VCC (Note 7)
600
ns
tHD:STO
STOP Condition Hold Time for
Read, or Volatile Only Write
From SDA rising edge to
SCL falling edge; both
crossing 70% of VCC
(Note 7)
1300
ns
tDH
Output Data Hold Time
From SCL falling edge
crossing 30% of VCC, until
SDA enters the 30% to 70%
of VCC window (Note 7)
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VCC
(Note 7)
20 + 0.1 x Cb
250
ns


Số phần tương tự - ISL21400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400 INTERSIL-ISL21400 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL21400IU8Z INTERSIL-ISL21400IU8Z Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400IU8Z-TK INTERSIL-ISL21400IU8Z-TK Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

Mô tả tương tự - ISL21400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com