công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21090BFB875Z-TK bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện ISL21090BFB875Z-TK
Giải thích chi tiết về linh kiện  Ultra Low Noise, Precision Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21090BFB875Z-TK bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  ISL21090BFB875Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21090BFB875Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21090BFB875Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21090BFB875Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21090BFB875Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21090BFB875Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21090BFB875Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21090BFB875Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21090BFB875Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL21090
FN6993 Rev 5.00
Page 4 of 20
February 27, 2013
Electrical Specifications V
IN = 5V (2.5V option), IOUT = 0 unless otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VOUT
Output Voltage
VIN = 5V
2.5
V
VOA
VOUT Accuracy @ TA = +25°C
All VOUT options
-0.02
+0.02
%
TC VOUT
Output Voltage Temperature Coefficient
ISL21090 B grade
7
ppm/°C
VIN
Input Voltage Range
VOUT = 2.5V
3.7
36
V
IIN
Supply Current
0.930
1.28
mA
VOUT /VIN
Line Regulation
VIN = 3.7V to 36V, VOUT = 2.5V
8
18
ppm/V
VOUT/IOUT
Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 20mA
2.5
17
ppm/mA
Sinking: -10mA ≤ IOUT ≤ 0mA
2.5
17
ppm/mA
VD
Dropout Voltage (Note 9)
VOUT = 2.5V @ 10mA
1.1
1.7
V
ISC+
Short Circuit Current
TA = +25°C, VOUT tied to GND
55
mA
ISC-
Short Circuit Current
TA = +25°C, VOUT tied to VIN
-61
mA
tR
Turn-on Settling Time
90% of final value, CL = 1.0µF, CC = open
150
µs
Ripple Rejection
f = 120Hz
90
dB
enp-p
Noise Voltage
0.1Hz
 f 10Hz, VOUT = 2.5V
1.9
µVP-P
Vn
Broadband Voltage Noise
10Hz
 f 1kHz, VOUT = 2.5V
1.6
µVRMS
en
Noise Voltage Density
f = 1kHz, VOUT = 2.5V
50
nV/
Hz
VOUT/t
Long Term Stability
TA = +25°C
20
ppm
Electrical Specifications V
IN = 10V (5.0V option), IOUT = 0 unless otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VOUT
Output Voltage
VIN = 10V,
5.0
V
VOA
VOUT Accuracy @ TA = +25°C (Note 6)
VOUT = 5.0V
0.025
0.025
%
TC VOUT
Output Voltage Temperature Coefficient
(Note 8)
ISL21090 B grade
7
ppm/°C
VIN
Input Voltage Range
VOUT = 5.0V
736
V
IIN
Supply Current
0.930
1.33
mA
VOUT /VIN
Line Regulation
VIN = 7V to 36V, VOUT = 5.0V
8
18
ppm/V
VOUT/IOUT
Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 20mA
2.5
17
ppm/mA
Sinking: -10mA ≤ IOUT ≤ 0mA
2.5
17
ppm/mA
VD
Dropout Voltage (Note 9)
VOUT = 5.0V @ 10mA
1.1
1.7
V
ISC+
Short Circuit Current
TA = +25°C, VOUT tied to GND
61
mA
ISC-
Short Circuit Current
TA = +25°C, VOUT tied to VIN
-75
mA
tR
Turn-on Settling Time
90% of final value, CL = 1.0µF, CC = open
150
µs
Ripple Rejection
f = 120Hz
90
dB
enp-p
Output Voltage Noise
0.1Hz
 f 10Hz, VOUT = 5.0V
4.2
µVP-P
Vn
Broadband Voltage Noise
10Hz
 f 1kHz, VOUT = 5.0V
3.2
µVRMS
en
Noise Voltage Density
f = 1kHz, VOUT = 5.0V
100
nV/
Hz
VOUT/t
Long Term Stability
TA = +25°C
20
ppm


Số phần tương tự - ISL21090BFB875Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21090BFB875Z-TK INTERSIL-ISL21090BFB875Z-TK Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB875Z-TK INTERSIL-ISL21090BFB875Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB875Z-TK INTERSIL-ISL21090BFB875Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB875Z-TK INTERSIL-ISL21090BFB875Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
More results

Mô tả tương tự - ISL21090BFB875Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com