công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21080 bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện ISL21080
Giải thích chi tiết về linh kiện  300nA NanoPower Voltage References
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21080 bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

Back Button ISL21080 Datasheet HTML 4Page - Renesas Technology Corp ISL21080 Datasheet HTML 5Page - Renesas Technology Corp ISL21080 Datasheet HTML 6Page - Renesas Technology Corp ISL21080 Datasheet HTML 7Page - Renesas Technology Corp ISL21080 Datasheet HTML 8Page - Renesas Technology Corp ISL21080 Datasheet HTML 9Page - Renesas Technology Corp ISL21080 Datasheet HTML 10Page - Renesas Technology Corp ISL21080 Datasheet HTML 11Page - Renesas Technology Corp ISL21080 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL21080
FN6934 Rev. 6.00
Page 8 of 21
Mar 26, 2018
Electrical Specifications (ISL21080-50 VOUT = 5.0V) VIN = 6.5V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 13)TYP
MAX
(Note 13)UNIT
Output Voltage
VOUT
5.0
V
VOUT Accuracy at TA = +25°C(Notes 8, 9)VOA
-0.2
+0.2
%
Output Voltage Temperature Coefficient
(Note 10)
TC VOUT
50
ppm/°C
Input Voltage Range
VIN
5.5
8.0
V
Supply Current
IIN
0.5
1.5
µA
Line Regulation
VOUT /VIN
5.5 V < VIN < 8.0V
80
350
µV/V
Load Regulation
VOUT/IOUT
Sourcing: 0mA
 IOUT  10mA
10
100
µV/mA
Sinking: -10mA
 IOUT 0mA
20
350
µV/mA
Short-Circuit Current
ISC
TA = +25°C, VOUT tied to GND
80
mA
Turn-On Settling Time
tR
VOUT = ±0.1% with no load
4
ms
Ripple Rejection
f = 120Hz
-40
dB
Output Voltage Noise
eN
0.1Hz
 f 10Hz
30
µVP-P
Broadband Voltage Noise
VN
10Hz
 f 1kHz
52
µVRMS
Noise Density
f = 1kHz
1.1
µV/
Hz
Thermal Hysteresis (Note 11)
VOUT/TA
TA = +165°C
100
ppm
Long Term Stability (Note 12)
VOUT/tTA = +25°C
50
ppm
NOTES:
8. Post-reflow drift for the ISL21080 devices will range from 100µV to 1.0mV based on experimental results with devices on FR4 double sided boards.
The design engineer must take this into account when considering the reference voltage after assembly.
9. Post-assembly X-ray inspection may also lead to permanent changes in device output voltage and should be minimized or avoided. Initial accuracy
can change 10mV or more under extreme radiation. Most inspection equipment will not affect the FGA reference voltage, but if X-ray inspection is
required, it is advisable to monitor the reference output voltage to verify excessive shift has not occurred.
10. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +85°C = +125°C.
11. Thermal Hysteresis is the change of VOUT measured at TA = +25°C after temperature cycling over a specified range, TA. VOUT is read initially at
TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference between
the initial VOUT reading and the second VOUT reading is then expressed in ppm. For  TA = +125°C, the device under test is cycled from +25°C to
+85°C to -40°C to +25°C.
12. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately 10ppm/
1khrs.
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.


Số phần tương tự - ISL21080

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL21080 INTERSIL-ISL21080 Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
More results

Mô tả tương tự - ISL21080

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com