công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21070DIH306Z-TK bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện ISL21070DIH306Z-TK
Giải thích chi tiết về linh kiện  25關A Micropower Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21070DIH306Z-TK bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  ISL21070DIH306Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21070DIH306Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN7599 Rev 4.00
Page 1 of 12
September 3, 2015
FN7599
Rev 4.00
September 3, 2015
ISL21070
25µA Micropower Voltage References
DATASHEET
The ISL21070 voltage references are analog voltage
references featuring low supply voltage operation at ultra-low
25µA max operating current.
Additionally, the ISL21070 family features guaranteed initial
accuracy as low as ±0.2% and 30ppm/°C temperature
coefficient.
These references are ideal for general purpose applications for
performance at lower cost. The ISL21070 is provided in an
industry standard 3 Ld SOT-23 pinout.
The ISL21070 offers output voltages that can be used as
precision voltage sources for control loops, standby voltages
for low power states for DSP, FPGA, Data path Controllers,
Microcontrollers and other core voltages: 0.600V, 2.048V, and
2.5V.
Applications
• Battery management/monitoring
• Low power standby voltages
• Portable instrumentation
• Consumer/medical electronics
• Wearable Electronics
• Lower Cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply
Features
• Reference output voltage . . . . . . . . . 0.600V, 2.048V, 2.500V
• Initial accuracy: 0.600V. . . . . . . . . . . . . . . . . . . . . . . . . . ±1.0%
• Initial accuracy: 2.048V. . . . . . . . . . . . . . . . . . . . . . . . .±0.25%
• Initial accuracy: 2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . ..±0.2%
• Input voltage range
- ISL21070-06 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
- ISL21070-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
- ISL21070-25. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Output voltage noise . . . . . . . . . . . . . 30µVP-P (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25µA (max)
• Tempco (0.600V only) . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Tempco (all others) . . . . . . . . . . . . . . . . . . . . . . . . . 30ppm/°C
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . ±10mA
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)
Related Literature
• AN1533, “X-Ray Effects on Intersil FGA References”
• AN1494, “Reflow and PC Board Assembly Effects on Intersil
FGA References”
FIGURE 1. VOUT vs TEMPERATURE NORMALIZED to +25°C
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
-40 -30 -20 -10 0
10 20 304050 6070 80
TEMPERATURE (°C)
TYP
LOW
HIGH


Số phần tương tự - ISL21070DIH306Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21070DIH306Z-TK INTERSIL-ISL21070DIH306Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070DIH306Z-TK INTERSIL-ISL21070DIH306Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
More results

Mô tả tương tự - ISL21070DIH306Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com