công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21032DPH306Z-TK bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện ISL21032DPH306Z-TK
Giải thích chi tiết về linh kiện  Precision 0.600V Low Voltage FGA??References
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21032DPH306Z-TK bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

  ISL21032DPH306Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21032DPH306Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21032DPH306Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21032DPH306Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21032DPH306Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21032DPH306Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21032DPH306Z-TK Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FN6239 Rev 2.00
Page 7 of 7
September 28, 2009
ISL21032
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2006-2009. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Small Outline Transistor Plastic Packages (SOT23-3)
D
e1
E
CL
e
b
CL
A2
A
A1
CL
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
12
3
4
5
6
E1
CL
C
VIEW C
VIEW C
L
R1
R
4X
1
4X
1
GAUGE PLANE
L1
SEATING
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
P3.064
3 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.035
0.044
0.89
1.12
-
A1
0.001
0.004
0.013
0.10
-
A2
0.035
0.037
0.88
0.94
-
b
0.015
0.020
0.37
0.50
-
b1
0.012
0.018
0.30
0.45
-
c
0.003
0.007
0.085
0.18
6
c1
0.003
0.005
0.08
0.13
6
D
0.110
0.120
2.80
3.04
3
E
0.083
0.104
2.10
2.64
-
E1
0.047
0.055
1.20
1.40
3
e
0.0374 Ref
0.95 Ref
-
e1
0.0748 Ref
1.90 Ref
-
L
-
0.016
0.21
0.41
4
L1
0.024 Ref
0.60 Ref
-
L2
0.010 Ref
0.25 Ref
-
N3
3
5
R
0.004
-
0.10
-
-
R1
0.004
0.010
0.10
0.25
-
a
-
Rev. 1 11/06
NOTES:
1. Dimensioning and tolerance per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC-74 and JEDEC MO178AB.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch
dimensions are for reference only
8. Die is facing up for mold die and trim-form.


Số phần tương tự - ISL21032DPH306Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21032DPH306Z-TK INTERSIL-ISL21032DPH306Z-TK Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
More results

Mô tả tương tự - ISL21032DPH306Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com