công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA11931 bảng dữ liệu(PDF) 6 Page - Ledil, Inc.

tên linh kiện CA11931
Giải thích chi tiết về linh kiện  ~25째 medium beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEDIL [Ledil, Inc.]
Trang chủ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11931 bảng dữ liệu(HTML) 6 Page - Ledil, Inc.

  CA11931 Datasheet HTML 1Page - Ledil, Inc. CA11931 Datasheet HTML 2Page - Ledil, Inc. CA11931 Datasheet HTML 3Page - Ledil, Inc. CA11931 Datasheet HTML 4Page - Ledil, Inc. CA11931 Datasheet HTML 5Page - Ledil, Inc. CA11931 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PRODUCT
DATASHEET
CA11931_LR2-M
GENERAL INFORMATION:
NOTE: The typical beam angle will be changed by different color, chip size
and chip position tolerance. The typical total beam angle is the full angle
measured where the luminous intensity is half of the peak value.
MATERIALS:
As part of our continuous research and improvement processes, and to ensure
the best possible quality and availability of our products, LEDiL reserves the
right to change material grades without notice.
PRODUCT DATA USER AGREEMENT AND DISCLAIMER:
The measured data in the provided downloadable LEDiL Product Datasheets
and Mechanical 2D-Drawings is rounded and provided as reference for
planning. LEDiL Oy's optical specifications have been verified by conducting
performance testing of the products in accordance with the company's quality
system. The reported data are averaged results of multiple measurements with
typical variation. LEDiL Oy reserves the right to without prior notification make
changes and improvements to its products.
LEDiL Oy assumes neither warranty, nor guarantee nor any other liability of
any kind for the contents and correctness of the provided data. The provided
data has been generated with highest diligence but the provided data may in
reality not represent the complete possible variation range of all intrinsic
parameters. Therefore, in certain cases a deviation from the provided data
could occur.
LEDiL Oy reserves the right to undertake technical changes of its products
without further notification which could lead to changes in the provided data.
LEDiL Oy assumes no liability of any kind for the possible deviation from any
provided data or any other damage resulting from the usage of the provided
data.
The user agrees to this disclaimer and user agreement with the download or
usage of the provided files.
LEDiL Oy
Joensuunkatu 13
FI-24240 SALO
Finland
LEDiL Inc.
228 West Page Street
Suite D
Sycamore IL 60178
USA
Local sales and technical
support
www.ledil.com/
where_to_buy
Shipping locations
Salo, Finland
Hong Kong, China
Distribution Partners
www.ledil.com/
where_to_buy
Last update: 17/05/2018
Subject to change without prior notice
6/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Số phần tương tự - CA11931

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ledil, Inc.
CA11930 LEDIL-CA11930 Datasheet
3Mb / 6P
   ~14째 diffused spot beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
logo
Cree, Inc
CA11934 CREE-CA11934 Datasheet
1Mb / 31P
   Emily series
logo
Ledil, Inc.
CA11934 LEDIL-CA11934 Datasheet
6Mb / 12P
   ~40째 wide beam 14.74 mm high lens.
More results

Mô tả tương tự - CA11931

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ledil, Inc.
CA12394 LEDIL-CA12394 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA11929 LEDIL-CA11929 Datasheet
3Mb / 6P
   ~9.6째 spot beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA12264 LEDIL-CA12264 Datasheet
2Mb / 4P
   ~25째 medium beam optimized for LUXEON Rebel. 14.4 mm high assembly with installation tape.
CA11930 LEDIL-CA11930 Datasheet
3Mb / 6P
   ~14째 diffused spot beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA12629 LEDIL-CA12629 Datasheet
4Mb / 6P
   ~10째 x 40째 oval beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
FCN10803 LEDIL-FCN10803 Datasheet
1Mb / 3P
   ~25째 medium beam optimized for LUXEON Rebel. 14.3 mm high assembly.
CA13100 LEDIL-CA13100 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA13178 LEDIL-CA13178 Datasheet
2Mb / 4P
   ~55째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA13179 LEDIL-CA13179 Datasheet
2Mb / 4P
   ~70째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FA12040 LEDIL-FA12040 Datasheet
2Mb / 4P
   ~30째 medium beam designed for LUXEON Rebel ES. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com