công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST1000C20K2L bảng dữ liệu(PDF) 3 Page - International Rectifier

tên linh kiện ST1000C20K2L
Giải thích chi tiết về linh kiện  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

ST1000C20K2L bảng dữ liệu(HTML) 3 Page - International Rectifier

  ST1000C20K2L Datasheet HTML 1Page - International Rectifier ST1000C20K2L Datasheet HTML 2Page - International Rectifier ST1000C20K2L Datasheet HTML 3Page - International Rectifier ST1000C20K2L Datasheet HTML 4Page - International Rectifier ST1000C20K2L Datasheet HTML 5Page - International Rectifier ST1000C20K2L Datasheet HTML 6Page - International Rectifier ST1000C20K2L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST1000C..K Series
3
Bulletin I25202 rev. A 01/00
www.irf.com
dv/dt
Maximum critical rate of rise of off-state
500
V/µs
T
J
= T
J
max., linear to 80% rated V
DRM
voltage
I
RRM
Maximum peak reverse and off-state
100
µs
T
J = TJ max., rated VDRM/VRRM applied
I
DRM
leakage current
Parameter
ST1000C..K
Units Conditions
Blocking
di/dt
Maximum non repetitive rate of rise
1000
A/µs
Gate drive 20V, 20
Ω, t
r
< 1µs
of turned-on current
T
J = TJ max., anode voltage < 80% V DRM
t
d
Typical delay time
1.9
µs
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% V
DRM
, T
J
= 25°C
t
q
Typical turn-off time
300
A/µs
I
TM
= 550A, T
J
= T
J
max, di/dt = 40A/µs, V
R
= 50V
dv/dt = 20V/µs, Gate 0V 100
Ω, tp < 500µs
Parameter
ST1000C..K
Units Conditions
Switching
Parameter
ST1000C..K
Units Conditions
Triggering
P
GM
Maximum peak gate power
16
W
T
J
= T
J
max., tp < 5ms
P
G(AV)
Maximum peak average gate power
3
W
T
J
= T
J
max., f = 50Hz, d% = 50
I
GM
Maximum peak positive gate current
3.0
A
T
J = TJ max., tp < 5ms
+ V
GM
Maximum peak positive gate voltage
20
V
- V
GM
Maximum peak negative gate voltage
5.0
V
I
GT
DC gate current required to trigger
TYP.
MAX.
200
-
T
J =
-40°C
100
200
mA
T
J =25°C
50
-
T
J
= 125°C
V
GT
DC gate voltage required to trigger
1.4
-
T
J =
-40°C
1.1
3.0
V
T
J
=25°C
0.9
-
T
J = 125°C
I
GD
DC gate current not to trigger
10
mA
T
J
= T
J
max.
V
GD
DC gate voltage not to trigger
0.25
V
Max. required gate trigger / current /
voltage are the lowest value which
will trigger all units 12V anode-to-
cathode applied
Max. gate current / voltage not to
trigger is the max. value which will
not trigger any units with rated V
DRM
anode-to-cathode applied


Số phần tương tự - ST1000C20K2L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
ST1000C20K2L VISHAY-ST1000C20K2L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
ST1000C20K2L VISHAY-ST1000C20K2L Datasheet
143Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 02-Feb-11
More results

Mô tả tương tự - ST1000C20K2L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com