công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCXHQ163245LBR bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện 74VCXHQ163245LBR
Giải thích chi tiết về linh kiện  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH BUS HOLD AND EMI NOISE CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXHQ163245LBR bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button 74VCXHQ163245LBR Datasheet HTML 2Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 3Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 4Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 5Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 6Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 7Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 8Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 9Page - STMicroelectronics 74VCXHQ163245LBR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74VCXHQ163245
6/17
Table 7: DC Specification For VCCB
(*) VCC range = 3.3±0.3; 2.5±0.2V; 1.8±0.15V
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
(*)
VCCA
(V)
(*)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIHB
High Level Input
Voltage (Bn, Dir,
G)
1.8
2.5
0.65VCCB
0.65VCCB
V
1.8
3.3
0.65VCCB
0.65VCCB
2.5
3.3
1.6
1.6
VILB
Low Level Input
Voltage (Bn, Dir,
G)
1.8
2.5
0.35VCCB
0.35VCCB
V
1.8
3.3
0.35VCCB
0.35VCCB
2.5
3.3
0.7
0.7
VOHB
High Level
Output Voltage
2.3
3.0
IO=-100µA
2.1
2.1
V
2.3
3.0
IO=-18mA
1.7
1.7
1.65
3.0
IO=-6mA
1.25
1.25
1.65
2.3
IO=-6mA
1.25
1.25
VOLB
Low Level
Output Voltage
2.3
3.0
IO=100µA
0.2
0.2
V
2.3
3.0
IO=18mA
0.60
0.60
1.65
3.0
IO=6mA
0.30
0.30
1.65
2.3
IO=6mA
0.30
0.30
IIB
Input Leakage
Current
2.7
3.6
VI = VCC or GND
± 0.5
± 5
µA
IIB(HOLD) Input Hold
Current
1.65
2.3
VI = 0.57 V
25
25
µA
1.65
2.3
VI = 1.07 V
-25
-25
1.65
3.0
VI = 0.57 V
25
25
1.65
3.0
VI = 1.07 V
-25
-25
2.3
3.0
VI = 0.7 V
45
45
2.3
3.0
VI = 1.6 V
-45
-45
2.7
3.6
VI = 0 to 2.7 V
± 500
IOZB
High Impedance
Output Leakage
Current
2.7
3.6
VIA = VIHA or VILA
VIB = GND or 3.6V
G = VCCB
± 1.0
± 10
µA
ICCtB
Quiescent
Supply Current
1.95
3.6
VIA =VCCA or GND
VIB =VCCB or GND
Dir or G=VCCB or
GND
220
µA
1.95
2.7
2.7
3.6
∆ICCtB Maximum
Quiescent
Supply Current /
Input (Bn, DIR,
G)
2.7
3.6
VIB =VCCB - 0.6V
VIA =VCCA or GND
0.75
mA
1.95
3.6
1.95
2.7


Số phần tương tự - 74VCXHQ163245LBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162240MTD FAIRCHILD-74VCXH162240MTD Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162240MTX FAIRCHILD-74VCXH162240MTX Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results

Mô tả tương tự - 74VCXHQ163245LBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com