công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL2110ABZ bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện ISL2110ABZ
Giải thích chi tiết về linh kiện  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL2110ABZ bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  ISL2110ABZ Datasheet HTML 1Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 2Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 3Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 4Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 5Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 6Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 7Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 8Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ISL2110, ISL2111
FN6295 Rev.7.00
Page 4 of 15
Mar 16, 2017
Pin Configurations
ISL2111ARTZ
(10 LD 4x4 TDFN)
TOP VIEW
ISL2110AR4Z, ISL2111AR4Z
(12 LD 4x4 DFN)
TOP VIEW
ISL2110ABZ, ISL2111ABZ
(8 LD SOIC)
TOP VIEW
ISL2111BR4Z
(8 LD 4x4 DFN)
TOP VIEW
2
3
4
1
5
9
8
7
10
6
VDD
HB
HO
HS
NC
LO
VSS
LI
HI
NC
VDD
NC
NC
HB
HO
LO
V
SS
NC
NC
LI
HS
HI
2
3
4
1
5
11
10
9
12
8
6
7
EPAD*
*EPAD = EXPOSED PAD
5
6
8
7
4
3
2
1
VDD
HB
HO
HS
LO
LI
HI
VSS
2
3
4
1
7
6
5
8
VDD
HB
HO
HS
LO
VSS
LI
HI
EPAD*
*EPAD = EXPOSED PAD
Pin Descriptions
SYMBOL
DESCRIPTION
VDD
Positive supply to lower gate driver. Bypass this pin to VSS.
HB
High-side bootstrap supply. External bootstrap capacitor is required. Connect positive side of bootstrap capacitor to this pin. Bootstrap
diode is on-chip.
HO
High-side output. Connect to gate of high-side power MOSFET.
HS
High-side source connection. Connect to source of high-side power MOSFET. Connect negative side of bootstrap capacitor to this pin.
HI
High-side input
LI
Low-side input
VSS
Chip negative supply, which will generally be ground.
LO
Low-side output. Connect to gate of low-side power MOSFET.
NC
No connect
EPAD
Exposed pad. Connect to ground or float. The EPAD is electrically isolated from all other pins.


Số phần tương tự - ISL2110ABZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
More results

Mô tả tương tự - ISL2110ABZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com