công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL2110ABZ bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện ISL2110ABZ
Giải thích chi tiết về linh kiện  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL2110ABZ bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  ISL2110ABZ Datasheet HTML 1Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 2Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 3Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 4Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 5Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 6Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 7Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 8Page - Renesas Technology Corp ISL2110ABZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL2110, ISL2111
FN6295 Rev.7.00
Page 3 of 15
Mar 16, 2017
Application Diagrams
Ordering Information
PART NUMBER
(Notes 3, 4)
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL2110ABZ (Note 1)
2110 ABZ
-40 to +125
8 Ld SOIC
M8.15
ISL2110AR4Z (Note 2)
211 0AR4Z
-40 to +125
12 Ld 4x4 DFN
L12.4x4A
ISL2111ABZ (Note 1)
2111 ABZ
-40 to +125
8 Ld SOIC
M8.15
ISL2111AR4Z (Note 2)
211 1AR4Z
-40 to +125
12 Ld 4x4 DFN
L12.4x4A
ISL2111ARTZ (Note 2)
211 1ARTZ
-40 to +125
10 Ld 4x4 TDFN
L10.4x4
ISL2111BR4Z (Note 2)
211 1BR4Z
-40 to +125
8 Ld 4x4 DFN
L8.4x4
NOTES:
1. Add “-T” for 2.5k unit tape and reel options. Refer to TB347 for details on reel specifications.
2. Add “-T” suffix for 6k unit tape and reel options. Refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL2110, ISL2111. For more information on MSL, see Tech Brief TB363.
SECONDARY
ISOLATION
PWM
+48V
+12V
CIRCUIT
FIGURE 3. TWO-SWITCH FORWARD CONVERTER
ISL2110
ISL2111
SECONDARY
CIRCUIT
ISOLATION
PWM
+48V
+12V
FIGURE 4. FORWARD CONVERTER WITH AN ACTIVE-CLAMP
ISL2110
ISL2111


Số phần tương tự - ISL2110ABZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
More results

Mô tả tương tự - ISL2110ABZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com