công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1904EVAL2Z bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện ISL1904EVAL2Z
Giải thích chi tiết về linh kiện  Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1904EVAL2Z bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button ISL1904EVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL1904EVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL1904EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL1904EVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL1904EVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL1904EVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL1904EVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL1904EVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL1904EVAL2Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ISL1904
FN8286 Rev 1.00
Page 11 of 21
September 20, 2012
EA Reference vs AC Conduction Angle
ILPOUT = 0µA, f = 120Hz (rectified),
8V < VDD< 26V
Duty Cycle (
) = 98%
523
548
574
mV
Duty Cycle (
) = 75%
286
318
340
mV
Duty Cycle (
) = 50%
117
139
156
mV
Duty Cycle (
) = 25%
16
32
44
mV
Duty Cycle (
) = 10%
0
3
11
mV
DHC
Low Level Output Voltage (VOL)
VDHC = 10mA,
VDD = 8V operating
--
600
mV
Turn-off Delay after AC Returns
-
4.0
-
µs
SOFT-START
Duration
289
389
483
ms
Reference Soft-Start Initial Step
11
27
43
mV
OFFREF
Input Bias Current
-1.0
-
1.0
µA
Operating Range (Excluding Offset)
0
-
0.5
V
Threshold Hysteresis
33
52
70
mV
Threshold Offset
78
104
129
mV
AC Dropout Disable Delay
-32
-
ms
OUT
High Level Output Voltage (VOH)
VOUT @ 0mA - VOUT @ -100mA,
VDD = 8V operating, RAMP = 0V
-0.35
1.2
V
Low Level Output Voltage (VOL)
VOUT @ 100mA, VDD = 8V operating
-
0.7
1.2
V
Rise Time
CLOAD = 2.2nF, VDD = 8V,
t90% - t10%
-35
55
ns
Fall Time
CLOAD = 2.2nF, VDD = 8V,
t10% - t90%
-25
40
ns
Output Clamp Voltage
VDD = 20V, ILOAD = -10µA
10.5
12.0
13.4
V
Unbiased Output Voltage Clamp
VDD = 6V, ILOAD = 5mA
-
-
1.9
V
PWMOUT
High Level Output Voltage (VOH)
VOUT @ 0mA - VOUT @ -10mA,
VDD = 8V operating
-0.8
1.2
V
Low Level Output Voltage (VOL)
VOUT @ 10mA,
VDD = 8V operating
-0.8
1.2
V
Rise Time
CLOAD = 1nF, VDD = 8V operating,
t90% - t10%
-160
240
ns
Fall Time
CLOAD = 1nF, VDD = 8V operating,
t10% - t90%
-160
240
ns
Output Voltage Clamp
VDD = 20V, ILOAD = -10µA
10.5
12.0
13.4
V
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram -
ISL1904” on page 2 and “Typical Application schematics” beginning on page 3. VDD = 17V, RRAMP = 54k, CRAMP = 470pF, TA = -40°C to
+125°C, Typical values are at TA = +25°C; Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


Số phần tương tự - ISL1904EVAL2Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1904EVAL2Z INTERSIL-ISL1904EVAL2Z Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
More results

Mô tả tương tự - ISL1904EVAL2Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
   Single-Stage PFC Primary-Side-Regulation LED Driver
logo
Holtek Semiconductor In...
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
logo
Fairchild Semiconductor
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
   Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com