công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM6992FX bảng dữ liệu(PDF) 7 Page - Infineon Technologies AG

tên linh kiện ADM6992FX
Giải thích chi tiết về linh kiện  Fiber to Fast Ethernet Converter
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ADM6992FX bảng dữ liệu(HTML) 7 Page - Infineon Technologies AG

Back Button ADM6992FX Datasheet HTML 3Page - Infineon Technologies AG ADM6992FX Datasheet HTML 4Page - Infineon Technologies AG ADM6992FX Datasheet HTML 5Page - Infineon Technologies AG ADM6992FX Datasheet HTML 6Page - Infineon Technologies AG ADM6992FX Datasheet HTML 7Page - Infineon Technologies AG ADM6992FX Datasheet HTML 8Page - Infineon Technologies AG ADM6992FX Datasheet HTML 9Page - Infineon Technologies AG ADM6992FX Datasheet HTML 10Page - Infineon Technologies AG ADM6992FX Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
Data Sheet
7
Rev. 1.02, 2005-11-25
NINJA F/FX
ADM6992F/FX
List of Tables
Table 1
Data Lengths Conventions 9
Table 2
NINJA F/FX (ADM6992F/FX)Abbreviations for Pin Type 11
Table 3
Abbreviations for Buffer Type 11
Table 4
Port 0/1 Twisted Pair Interface (8 Pins) 12
Table 5
LED Interface (12 Pins) 12
Table 6
EEPROM Interface (4 Pins) 15
Table 7
Configuration Interface (28 Pins) 16
Table 8
Ground/Power Interface (27 Pins) 17
Table 9
Miscellaneous (14 Pins) 18
Table 10
Speed Configuration 21
Table 11
OAM Delivery Between CO and CPE 26
Table 12
SMI Read/Write Command Format 27
Table 13
EEPROM Register Map 30
Table 14
Registers Address Space 32
Table 15
Registers Overview 32
Table 16
Register Access Types 33
Table 17
Registers Clock DomainsRegisters Clock Domains 34
Table 18
Other Packet Filter Control Regsiters 45
Table 19
Other Filter Regsiters 47
Table 20
Other Tag Port Rule 0 Registers 50
Table 21
Other Tag Port Rule 1 Regsiters 51
Table 22
Serial Management Register Map 57
Table 23
Registers Address SpaceRegisters Address Space 59
Table 24
Registers Overview 59
Table 25
Register Access Types 60
Table 26
Registers Clock DomainsRegisters Clock Domains 60
Table 27
Other Counter Registers 62
Table 28
Electrical Absolute Maximum Rating 77
Table 29
Recommended Operating Conditions 77
Table 30
DC Electrical Characteristics for 3.3 V Operation 77
Table 31
Power on Reset Tming 78
Table 32
EEPROM Interface Timing 78
Table 33
SMI Timing 79
Table 34
Dimensions for 128 PQFP Outside Dimension 81
List of Tables


Số phần tương tự - ADM6992FX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ADM6992C INFINEON-ADM6992C Datasheet
5Mb / 82P
   Two Port Bridge Fiber to Fast Ethernet Converter
Data Sheet, Rev. 1.02, Nov. 2005
ADM6992CX INFINEON-ADM6992CX Datasheet
5Mb / 82P
   Two Port Bridge Fiber to Fast Ethernet Converter
Data Sheet, Rev. 1.02, Nov. 2005
More results

Mô tả tương tự - ADM6992FX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ADM6992C INFINEON-ADM6992C Datasheet
5Mb / 82P
   Two Port Bridge Fiber to Fast Ethernet Converter
Data Sheet, Rev. 1.02, Nov. 2005
logo
Glenair, Inc.
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
logo
Level One
FVM-1101 LVL1-FVM-1101 Datasheet
391Kb / 3P
   RJ45 to SC Managed Fast Ethernet Media Converter, Multi-Mode Fiber
logo
Glenair, Inc.
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
   GigaBit Ethernet Copper to Fiber Media Converter
logo
ORing Industrial Networ...
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
   Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
   Industrial Gigabit Ethernet to Fiber Media Converter
logo
ORing Industrial Networ...
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
   Industrial Gigabit Ethernet to fiber media converter
logo
Level One
FVM-1220 LVL1-FVM-1220 Datasheet
1Mb / 3P
   RJ45 to SC Managed Fast Ethernet Media Converter, Single-Mode Fiber, 20km
logo
ORing Industrial Networ...
IGPMC-111GP ORING-IGPMC-111GP Datasheet
347Kb / 5P
   Industrial Gigabit PoE Ethernet to fiber media converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com