công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM54-1V0M080-6G bảng dữ liệu(PDF) 4 Page - Bel Fuse Inc.

tên linh kiện STM54-1V0M080-6G
Giải thích chi tiết về linh kiện  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BEL [Bel Fuse Inc.]
Trang chủ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM54-1V0M080-6G bảng dữ liệu(HTML) 4 Page - Bel Fuse Inc.

  STM54-1V0M080-6G Datasheet HTML 1Page - Bel Fuse Inc. STM54-1V0M080-6G Datasheet HTML 2Page - Bel Fuse Inc. STM54-1V0M080-6G Datasheet HTML 3Page - Bel Fuse Inc. STM54-1V0M080-6G Datasheet HTML 4Page - Bel Fuse Inc. STM54-1V0M080-6G Datasheet HTML 5Page - Bel Fuse Inc. STM54-1V0M080-6G Datasheet HTML 6Page - Bel Fuse Inc. STM54-1V0M080-6G Datasheet HTML 7Page - Bel Fuse Inc. STM54-1V0M080-6G Datasheet HTML 8Page - Bel Fuse Inc. STM54-1V0M080-6G Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 4 of 30
belfuse.com/power-solutions
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which damage to the device may occur. These are stress ratings
only and functional operation of the device at these conditions is not implied. Operating outside maximum
recommended conditions for extended periods may affect product reliability and result in device failures.
Symbol
Parameter
Min
Max
Units
+IN to -IN
Non-operating continuous input voltage
-0.3
76
V
Vout to GND
Continuous output voltage
-0.3
TBD
V
VDD
Primary auxiliary bias voltage
-0.3
14
V
VCC
Secondary auxiliary bias voltage
-0.3
7
V
PWM_X, PWM_Y
(2)
-0.3
6.65
V
PWM_S, START
(3)
-0.3
7
V
START
(3)
-0.3
7
V
TMN, TMP
(3)
-0.3
7
V
CSP, CSN
(3) (4)
-0.3
2.5
V
CSP, CSN
(3) (4)
-0.3
2.5
V
All other pins
(3)
-0.3
7
V
Tmax
Ambient temperature
-40
+85
°C
Tstg
Storage temperature
-40
+100
°C
Notes:
1) All voltages referenced to GND unless otherwise specified
2) Need to be lower than VDD under any condition
3) Need to be lower than VCC under any condition
4) Max differential voltage to be limited within 100mV
Specifications
Specifications are typical and apply for the conditions: VDD= 5V, VCC= 5V, Tamb= 25°C unless otherwise noted.
Input Specifications – All models
Parameter
Symbol
Min
Typ
Max
Units
Input voltage
Continuous; VDD, VCC applied
VIN
40
48
60
V
Maximum input current
VIN= 40V – 60V, IO = IO_max
IIN_max
-
-
4
A
Input quiescent current
VIN= 48V, IO = 0A, enabled
IIN_NL
TBD
mA
Input stand by current
VIN= 48V, disabled
IIN_stdby
TBD
mA
Inrush transient
I2t
A2s
Input reflected ripple current
5Hz to 20MHz, 1μH source impedance; VIN= 40V to 60V, IO= IO_max
IIN_rr
TBD
mAp-p
Input ripple rejection
PSRR
TBD
dB
Internal input capacitance
CIN
TBD
µF


Số phần tương tự - STM54-1V0M080-6G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
logo
Siemens Semiconductor G...
STM51004A SIEMENS-STM51004A Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004G SIEMENS-STM51004G Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
More results

Mô tả tương tự - STM54-1V0M080-6G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com